Electronic Components Datasheet Search
  English  ▼

X  

LD2541VR Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD2541VR
Description  LD2541U/V Series - 0.25 inch dual Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD2541VR Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD2541VR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD2541VR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD2541VR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121536
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.25 inch Four Digit 7 Segment LED Display
LD2541U/V Series - 0.25 inch dual Digit 7 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative segment color
Alternative font
Common Cathode is available
Cropped terminal pins
Features
6.20 mm (0.25inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment
RoHS compliant
Package Dimensions
3.50
PIN1
6.00
6.00
6.00
D
D2
36.00
0.80
D3
D1
A
B
C
E
F
G
2.54*5=12.70
10.0°
DIG.2
8.10
DIG.1
DIG.4
DIG.3
0.45
Notes:
1. All dimensions are in millimeters(inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm


Similar Part No. - LD2541VR

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD2500 WTE-LD2500 Datasheet
24Kb / 2P
25A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500 Datasheet
29Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500 Datasheet
32Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD2500G WTE-LD2500G Datasheet
40Kb / 2P
25A GLASS PASSIVATED LUCAS TYPE PRESS-FIT DIODE
October, 2018
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
More results

Similar Description - LD2541VR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD2531 LIGHTKEY-LD2531 Datasheet
178Kb / 3P
LD2531A/B Series - 0.25 inch Three Digit 7 Segment LED Display
LD3021AB LIGHTKEY-LD3021AB Datasheet
157Kb / 3P
LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
LD3011CD LIGHTKEY-LD3011CD Datasheet
160Kb / 3P
LD3011C/D Series - 0.30 inch dual Digit 7 Segment LED Display
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
0.56 inch Dual Digit 7 Segment LED Display
LD5621CD LIGHTKEY-LD5621CD Datasheet
167Kb / 3P
0.56 inch Dual Digit 7 Segment LED Display
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
0.56 inch Dual Digit 7 Segment LED Display
LD8021AB LIGHTKEY-LD8021AB Datasheet
157Kb / 3P
0.80 inch Dual Digit 7 Segment LED Display
LD8021CD LIGHTKEY-LD8021CD Datasheet
162Kb / 3P
0.80 inch Dual Digit 7 Segment LED Display
LD10016EFRG LIGHTKEY-LD10016EFRG Datasheet
114Kb / 3P
1.00 inch Single Digit 7 Segment Dual-color LED Display
LD15011ABRG LIGHTKEY-LD15011ABRG Datasheet
100Kb / 3P
1.50 inch Single Digit 7 Segment Dual-color LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com