Electronic Components Datasheet Search
  English  ▼

X  

80299 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 80299
Description  Wiha Quality Tools Dead Blow and Sledge Hammers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

80299 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  80299 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
228
Dead Blow and Sledge Hammers
Replacement Hammer Faces - Medium hard.
Item
No.
mm
Inch
lbs.
pkg.
802 00
25
1.0
.04
1
802 02
30
1.2
.04
1
802 04
35
1.4
.05
1
802 06
40
1.6
.08
1
802 08
45
1.8
.12
1
802 10
50
2.0
.16
1
802 13
60
2.3
.29
1
802 16
70
2.8
.39
1
Dead Blow, Medium Hard Face Hammer, Recoilless,
Polyurethane, Steel Tube Shaft. “GS” Sign, Cushion Grip.
• Preserves sensitive surfaces and edges
• Increases striking power
• Avoids hand fatigue
Application:
• Machine tools and gear box construction
• Sheet metal shops and repair shops
Faces polyurethane, shatterproof, wear resistant, extremely durable
Faces replaceable. Tubular handle, lacquered in blue, cushion grip.
Item
No.
mm Inch mm
Inch
mm
Inch
oz.
pkg.
802 25
25
1.0
106
4.2
288
11.3
18
1
802 30
30
1.2
115
4.5
290
11.4
21
1
802 35
35
1.4
118
4.6
300
11.8
24
1
802 40
40
1.6
125
4.9
305
12.0
30
1
802 45
45
1.8
130
5.1
310
12.2
37
1
802 50
50
2.0
130
5.1
365
14.4
49
1
802 60
60
2.3
156
6.1
375
14.7
72
1
802 70
70
2.8
161
6.3
385
15.1
97
1
Dead Blow, Medium Hard Face, Recoilless, Polyurethane
Face, Hickory Handle.
Application:
• Tools, engineering gear box construction
• Sheet metal and repair shops, heavy industry
Steel head for incredible strength. Faces polyurethane, shatterproof,
wear resistant, extremely durable. Faces replaceable. Hickory handle.
Item
No.
mm Inch mm
Inch
mm
Inch
oz.
pkg.
800 25
25
1.0
106
4.2
320
12.5
11
1
800 30
30
1.2
113
4.4
350
13.7
16
1
800 35
35
1.4
115
4.5
355
13.9
20
1
800 40
40
1.6
123
4.8
375
14.7
26
1
800 45
45
1.8
130
5.1
380
14.9
35
1
800 50
50
2.0
134
5.3
385
15.1
44
1
800 60
60
2.3
158
6.2
420
16.5
70
1
800 70
70
2.8
158
6.2
430
16.9
91
1
802
802
800
Replacement Hammer Tips - Medium hard.
Item
No.
mm
Inch
lbs.
pkg.
802 19
80
3.1
.06
1
802 22
100
3.9
.10
1
802
Dead Blow Sledge, Medium Hard Face, Recoilless,
Polyurethane Face, Hickory Handle.
Application:
• Tools, engineering gear box construction
• Sheet metal and repair shops, heavy industry.
Faces polyurethane, shatterproof, wear resistant, extremely durable.
Faces replaceable. Hickory handle.
Item
No.
mm Inch mm
Inch
mm
Inch
lbs.
pkg.
802 80
80
3.1
205
8.0
882
34.6
10.0
1
802 99
100 3.9
210
8.2
1002 39.3
15.1
1
802
802 90 3 Piece Dead Blow Hammer Set - Medium hard.
Item No.
lbs.
802 90
802 30
30
6.35
802 40
40
802 50
50
For 800 & 802
Hammers
Hickory Replacement Handles - For Dead Blow Hammers
Item
Fits
No.
Hammer
lbs.
pkg.
800 71
80025
25mm
.11
1
800 72
80030 & 80035` 30/35mm
.19
1
800 74
80040 & 80045 40/45mm
.29
1
800 76
80050
50mm
.38
1
800 78
80060 & 80070 60/70mm
.44
1
800 79
80280
80mm
1.76
1
800 81
80299
100mm
2.31
1
800
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT
Go To
Image Index
Go To
Numerical Index


Similar Part No. - 80299

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8029 ETC2-8029 Datasheet
119Kb / 1P
TYPE N FEMALE TO TYPE N FEMALE RADIUS R/A ADAPTER
logo
Festo Corporation.
8029133 FESTO-8029133 Datasheet
75Kb / 1P
End plate
7/31/22
8029438 FESTO-8029438 Datasheet
101Kb / 1P
Separator plate
8029439 FESTO-8029439 Datasheet
102Kb / 1P
Separator plate
8029440 FESTO-8029440 Datasheet
101Kb / 1P
Separator plate
More results

Similar Description - 80299

ManufacturerPart #DatasheetDescription
logo
THOR communications
1414 THOR-1414 Datasheet
73Kb / 1P
Dead Blow Nylon Hammers
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
28143 ETC2-28143 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
32668 ETC2-32668 Datasheet
319Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
71201 ETC2-71201 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com