Electronic Components Datasheet Search
  English  ▼

X  

LD2541UG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD2541UG
Description  LD2541U/V Series - 0.25 inch dual Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD2541UG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD2541UG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD2541UG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD2541UG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121536
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.25 inch Four Digit 7 Segment LED Display
Internal Circuit Diagram
LD2541U (Common Cathode)
LD2541V (Common Anode)
Selection Guide
Four Digits 7 Segment LED Display, Digit Height: 6.20mm(0.25inch), External Dimensions:
36.00x11.00x5.10mm (Lx W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD2541UR
LD2541VR
GaAlAs
Super Red
640
8
10
8
10
LD2541UD
LD2541VD
GaAlAs
Hi-Red
640
18
25
18
25
LD2541UO
LD2541VO
GaAsP
Orange
625
7
9
7
9
LD2541UY
LD2541VY
GaAsP
Yellow
588
8
10
8
10
LD2541UG
LD2541VG
GaP
Green
568
7
9
7
9
LD2541UUR
LD2541VUR
AlGaInP
Ultra Red
640
30
45
30
45
LD2541UUO
LD2541VUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD2541UUA
LD2541VUA
AlGaInP
Ultra Amber
65
30
45
30
45
LD2541UUY
LD2541VUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD2541UUG
LD2541VUG
AlGaInP
Ultra Green
573
30
45
30
45
LD2541UPG
LD2541VPG
InGaN
Pure Green
525
120
300
120
300
LD2541UUB
LD2541VUB
InGaN
Ultra Blue
470
30
45
30
45
LD2541UUW
LD2541VUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com