Electronic Components Datasheet Search
  English  ▼

X  

LD2841APG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD2841APG
Description  LD2841A/B Series - 0.28 inch Four Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD2841APG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD2841APG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD2841APG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD2841APG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121595
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.28 inch Four Digit 7 Segment LED Display
Internal Circuit Diagram
LD2841A (Common Cathode)
LD2841B (Common Anode)
Selection Guide
Four Digits 7 Segment LED Display, Digit Height: 7.00mm(0.28inch), External Dimensions:
32.20x10.10x5.80mm (L x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD2841AR
LD2841BR
GaAlAs
Super Red
640
8
10
8
10
LD2841AD
LD2841BD
GaAlAs
Hi-Red
640
18
25
18
25
LD2841AO
LD2841BO
GaAsP
Orange
625
7
9
7
9
LD2841AY
LD2841BY
GaAsP
Yellow
588
8
10
8
10
LD2841AG
LD2841BG
GaP
Green
568
7
9
7
9
LD2841AUR
LD2841BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD2841AUO
LD2841BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD2841AUA
LD2841BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD2841AUY
LD2841BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD2841AUG
LD2841BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD2841APG
LD2841BPG
InGaN
Pure Green
525
120
300
120
300
LD2841AUB
LD2841BUB
InGaN
Ultra Blue
470
30
45
30
45
LD2841AUW
LD2841BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com