Electronic Components Datasheet Search
  English  ▼

X  

MPM-08MB Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM-08MB
Description  MPM-08MB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-08MB Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM-08MB Datasheet HTML 1Page - MicroPower Direct, LLC MPM-08MB Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
90
305
VAC
120
430
VDC
Input Frequency
47
440
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
25.0
A Pk
230 VAC
45.0
Leakage Current
0.25
mA
EMI
Meets CISPR Pub. 22/FCC Class B
EMC
Meets EN 55024
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy
See Note 1
±2.0
%
Line Regulation, See Note 2
VIN = Min to Max
±0.2
%
Load Regulation, See Note 3
See Model Selection Guide
Ripple (20 MHz), See Note 4
3.3, 5, 9 12, 15 Vout Models
100
mV P - P
24 Vout Models
150
Dual Output Models
100
Noise
3.3, 5, 9 12, 15 Vout Models
150
mV P - P
24 Vout Models
200
Dual Output Models
150
Hold-Up Time
115 VAC
10
mSec
230 VAC
75
Temperature Coefficient
±0.02
%/°C
Over Voltage Protection
Zener Diode Clamp
120
% of VO
Short Circuit Protection, See Note 5
Continuous (Autorecovery)
Overload Protection
115
150
% of IO
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Resistance
500 VDC
100
M
EMI/RFI
Conducted
EN 55022 Level B
EMC Compliance
Electrostatic Discharge (ESD)
EN 61000-4-2 Level B
RF Field Susceptibility
EN 61000-4-3
Electrical Fast Transients/Bursts On Mains
EN 61000-4-4 Level 3 2 kV
Surge
EN 61000-4-5 Level 3 1kV/2 kV
Switching Frequency
132
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range, Ambient
5.0/3.3 Vout Model
-25
+25
+70
°C
All Other Models
-40
+25
+70
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection (See Derating Curves)
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.44 x 1.06 x 1.04 Inches (36.5 x 27.0 x 26.4 mm)
Case Material
Non-Conductive Plastic & Fiberglass (UL94-V0)
Weight
1.58 Oz (45g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
350
kHours
Vibration
10~55 Hz, 20G 1 min/1 Cycle. Period of 3 min each along X, Y &Z Axis
Safety Approvals
UL, cUL; File No. E245422
Safety Class
IEC 61140 Class II
Single & Dual Output, 8W
Miniature “Power Brick”
AC/DC Power Supplies
MPM-08MB Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
• 8W Output Power
• Miniature Case
• Wide 90-305 VAC Input
• EN 60950 Approved (UL)
• Meets IEC Safety Class II
• Meets EN 55022 B
• Eight Standard Models
• >350 kHour MTBF
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - MPM-08MB

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-01SV-03 MPD-MPM-01SV-03 Datasheet
295Kb / 2P
Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
MPM-01SV-05 MPD-MPM-01SV-05 Datasheet
295Kb / 2P
Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
MPM-01SV-09 MPD-MPM-01SV-09 Datasheet
295Kb / 2P
Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
MPM-01SV-12 MPD-MPM-01SV-12 Datasheet
295Kb / 2P
Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
MPM-01SV-15 MPD-MPM-01SV-15 Datasheet
295Kb / 2P
Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
More results

Similar Description - MPM-08MB

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-03S MPD-MPM-03S_14 Datasheet
326Kb / 2P
MPM-03 Series
MPM-10IS MPD-MPM-10IS_14 Datasheet
288Kb / 2P
MPM-10IS Series
MPM-12EPB MPD-MPM-12EPB Datasheet
362Kb / 2P
MPM-12EPB Series
MPM-15CM MPD-MPM-15CM_14 Datasheet
275Kb / 2P
MPM-15CM Series
MPM-15IS MPD-MPM-15IS_14 Datasheet
256Kb / 2P
MPM-15IS Series
MPM-15S MPD-MPM-15S_14 Datasheet
309Kb / 2P
MPM-15S Series
MPM-20S MPD-MPM-20S_14 Datasheet
317Kb / 2P
MPM-20S Series
MPM-25S MPD-MPM-25S_14 Datasheet
315Kb / 2P
MPM-25S Series
MPM-40SE MPD-MPM-40SE Datasheet
382Kb / 2P
MPM-40E Series
MPM-60PB MPD-MPM-60PB Datasheet
298Kb / 2P
MPM-60PB Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com