Electronic Components Datasheet Search
  English  ▼

X  

MPM08S09MB Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM08S09MB
Description  MPM-08MB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM08S09MB Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM08S09MB Datasheet HTML 1Page - MicroPower Direct, LLC MPM08S09MB Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Model
Number
Input
Output
Load
Regulation
(% Max)
Maximum
Capacitive
Load
(µF)
Maximum
Output
Power
(W)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current
115 VAC
230 VAC
Max. (A)
Min. (%)
MPM-08S-03MB
0.190
0.120
3.3
2.000
0.0
±3.0
26,000
6.60
72
MPM-08S-05MB
0.190
0.120
5.0
1.600
0.0
±2.0
6,000
8.00
78
MPM-08S-09MB
0.190
0.120
9.0
0.888
0.0
±0.5
2,300
8.00
79
MPM-08S-12MB
0.190
0.120
12.0
0.666
0.0
±0.5
1,050
8.00
79
MPM-08S-15MB
0.190
0.120
15.0
0.533
0.0
±0.5
440
8.00
80
MPM-08S-24MB
0.190
0.120
24.0
0.335
0.0
±0.5
180
8.00
81
MPM-08D-0503MB
0.200
0.125
5.0
1.600
25.0
±0.5
4,500
9.00
76
3.3
0.310
25.0
±5.0
3,800
MPM-08D-1205MB
0.200
0.125
12.0
0.666
25.0
±0.5
260
8.50
79
5.0
0.100
25.0
±5.0
3,800
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
1. The output voltage accuracy of the V2 output (pin 5) on dual outputs is
±15% for the MPM-08D-
0503MB, and ±10% for the MPM-08D-1205MB.
2. The line regulation of the dual output models is ±2.0% for the V1 output (pin 4), and ±3% for
the V2 output (pin 5).
3. Load regulation is measured from 10% load to 100% load.
4. Ripple and noise are measured at 20 Mhz bandwidth with a 0.1µF and a 47 µF capacitor con-
nected in parallel as close to the unit output terminals as possible.
5. Output short circuit protection is provided by a “hiccup mode” circuit.The unit recovers automatically when
the fault condition is removed.
6. Operation under no load conditions will not damage single output units. For dual output units, minimum load
requirements are given in the table above.
7. It is recommended that a fuse be used on the input of a power supply for protection. For the
MPM-08MB series, a 2A/250 VAC slow blow should be used.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
1
AC-Line
2
AC-Neutral
3
-Vout
Common
4
+Vout
Vout1
5
NC
Vout2
NC = No Connection
Pin Connections
Derating Curve - Single Output Models
Derating Curve - Dual Output Models



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com