Electronic Components Datasheet Search
  English  ▼

X  

MPM-60PB Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-60PB
Description  MPM-60PB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-60PB Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-60PB Datasheet HTML 1Page - MicroPower Direct, LLC MPM-60PB Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Model
Number
Input
Output
Maximum
Capacitive
Load
(µF)
Maximum
Output
Power
(W)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current
115 VAC
230 VAC
Max. (A)
Min. (%)
MPM-60S-05PB
2.0
1.0
5.0
10.0
1.0
80,000
50.0
82
MPM-60S-09PB
2.0
1.0
9.0
6.66
1.0
28,000
60.0
84
MPM-60S-12PB
2.0
1.0
12.0
5.00
1.0
14,000
60.0
86
MPM-60S-15PB
2.0
1.0
15.0
4.00
1.0
12,000
60.0
86
MPM-60S-24PB
2.0
1.0
24.0
2.50
1.0
4,000
60.0
86
MPM-60S-48PB
2.0
1.0
48.0
1.25
1.0
950
60.0
86
Derating Curve
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
1. Ripple and noise are measured at 20 Mhz
bandwidth with a 0.1µF and a 47 µF capacitor
connected in parallel as close to the unit output
terminals as possible.
2. Output short circuit protection is provided by a “hiccup
mode” circuit. The unit recovers automatically when
the fault condition is removed.
3. Operation at under no load conditions will not damage
these units.
4. It is recommended that a fuse be used on the
input of a power supply for protection. For the
MPM-60PB series, a 4A/250 VAC slow blow
should be used.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Function
1
AC-Neutral
2
AC-Line
3FG
4
+Vout
5
-Vout
6
Trim
Pin Connections



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com