Electronic Components Datasheet Search
  English  ▼

X  

BA2115FJ Datasheet(PDF) 9 Page - Rohm

Part # BA2115FJ
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2115FJ Datasheet(HTML) 9 Page - Rohm

Back Button BA2115FJ Datasheet HTML 5Page - Rohm BA2115FJ Datasheet HTML 6Page - Rohm BA2115FJ Datasheet HTML 7Page - Rohm BA2115FJ Datasheet HTML 8Page - Rohm BA2115FJ Datasheet HTML 9Page - Rohm BA2115FJ Datasheet HTML 10Page - Rohm BA2115FJ Datasheet HTML 11Page - Rohm BA2115FJ Datasheet HTML 12Page - Rohm BA2115FJ Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
9/26
31.OCT.2012 Rev.001
TSZ22111・15・00
BA2107G, BA2115xxx
○BA2107
(*)The above data is measurement value of typical sample, it is not guaranteed.
0
50
100
150
200
250
±1
±2
±3
±4
±5
±6
±7
±8
SUPPLY VOLTAGE [V]
-3
-2
-1
0
1
2
3
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
-6
-4
-2
0
2
4
6
±1
±2
±3
±4
±5
±6
±7
±8
SUPPLY VOLTAGE [V]
0
50
100
150
200
250
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
Figure 11.
Input Offset Voltage - Ambient Temperature
(Vicm=0V, Vout=0V)
Figure 10.
Input Offset Voltage - Supply Voltage
(Vicm=0V, Vout=0V)
Figure 12.
Input Bias Current - Supply Voltage
(Vicm=0V, Vout=0V)
Figure 13.
Input Bias Current - Ambient Temperature
(Vicm=0V, Vout=0V)
±1.0V
±2.5V
±7.0V
-40℃
25℃
85℃
±1.0V
±2.5V
±7.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com