Electronic Components Datasheet Search
  English  ▼

X  

MPO-200S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPO-200S
Description  MPO-200S Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPO-200S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPO-200S Datasheet HTML 1Page - MicroPower Direct, LLC MPO-200S Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Input Connector (CN1):
• TKP PVH1-3N2 or equivalent (one pin removed)
• Mating Housing: JST VHR-3N or equivalent
• Mating Terminal: SVH-21T-PH1 or equivalent
Pin
Function
1
AC-Line
2
Removed
3
AC-Neutral
Safety Ground:
The unit should be mounted using metal standoffs. The
input side mounting hole marked “FG” provides the safety
earth ground for the unit. This point should be connected to
the system earth ground via a metal spacer or a cable. This
connection should be locked to prevent possible loosening.
Connecting the output side mounting holes to earth ground
improves EMI (this connection will also put the rear heatsink
at ground potential).
Output Connector (CN2):
• TKP PVH1-08 or equivalent
• Mating Housing: JST-VHR-8N or equivalent
• Mating Terminal: SVH-21T-PH1 or equivalent
Pin
Function
Pin
Function
1+VOUT
5-VOUT
2+VOUT
6-VOUT
3+VOUT
7-VOUT
4+VOUT
8-VOUT
Fan Drive Connector (CN3):
• LCU P205DG-02 or equivalent
• Mating Housing: Molex 5051-02 or equivalent
• Mating Terminal: Molex 5159 or equivalent
Pin
Function
1
+Fan Out
2
-Fan Out
The fan drive provides 12VDC @ 300 mA.
Remote Sense Connector (CN4):
• LCU P205DG-02 or equivalent
• Mating Housing: Molex 5051-02 or equivalent
• Mating Terminal: Molex 5159 or equivalent
Pin
Function
1
+Rs
2
-Rs
The remote sense outputs may be used to
compensate for up to a 0.5V line drop.
Connections
Derating Curve
Notes:
1. Output voltage tolerance is measured at nominal
input and 60% load.
2. Output ripple is measured at 20 MHz bandwidth
using 0.1 µF and 10 µF capacitors connected in
parallel as close to the power supply terminals as
possible.
3. Hold-up time is typical for 115 VAC and 230 VAC
inputs.
4. These units will operate at no load without
damage. For most applications however, MPD
recommends that a minimum load always be
used. Contact the factory for more information.
5. The remote sense outputs may be used to com-
pensate for up to a 0.5V line drop.
6. The fan drive provides 12VDC @ 300 mA.
7. Each unit includes an input fuse (250V/5A). Since
this fuse is not field replaceable, it is recom-
mended that an external fuse of the same size
be used on the input of the power supply for
protection.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Output Power
(Max. W)
Max
Output
Capacitance
(µF)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current (A)
With 19 CFM Convection
115 VAC
230 VAC
Maximum
(With 19 CFM)
Maximum
(Convection)
% Min.
MPO-200S-12
3.0
1.5
12.0
16.67
12.50
0.00
200
150
6,000
89
MPO-200S-24
3.0
1.5
24.0
8.34
6.25
0.00
200
150
6,000
90
MPO-200S-36
3.0
1.5
36.0
5.56
4.17
0.00
200
150
4,450
91
MPO-200S-48
3.0
1.5
48.0
4.17
3.13
0.00
200
150
3,700
92



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com