Electronic Components Datasheet Search
  English  ▼

X  

BA2903WF Datasheet(PDF) 9 Page - Rohm

Part # BA2903WF
Description  Ground Sense Comparator
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903WF Datasheet(HTML) 9 Page - Rohm

Back Button BA2903WF Datasheet HTML 5Page - Rohm BA2903WF Datasheet HTML 6Page - Rohm BA2903WF Datasheet HTML 7Page - Rohm BA2903WF Datasheet HTML 8Page - Rohm BA2903WF Datasheet HTML 9Page - Rohm BA2903WF Datasheet HTML 10Page - Rohm BA2903WF Datasheet HTML 11Page - Rohm BA2903WF Datasheet HTML 12Page - Rohm BA2903WF Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
9/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Electrical Characteristics - continued
○BA2903Wxx (Unless otherwise specified VCC=+5V, VEE=0V, Ta=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 33)
VIO
25°C
-
0.5
2
mV
OUT=1.4V
Input Offset Current
(Note 33)
IIO
25°C
-
5
50
nA
OUT=1.4V
Input Bias Current
(Note 34,35)
IB
25°C
-
50
250
nA
OUT=1.4V
Full range
-
-
500
Input Common-mode
Voltage Range
VICM
25°C
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25°C
25
100
-
V/mV
VCC=15V, OUT=1.4 to 11.4V
RL=15kΩ, VRL=15V
88
100
-
dB
Supply Current
(Note 34)
ICC
25°C
-
0.6
1
mA
OUT=Open
Full range
-
-
2.5
OUT=Open, VCC=36V
Output Sink Current
(Note 36)
ISINK
25°C
6
16
-
mA
+IN=0V, -IN=1V
OUT=1.5V
Output Saturation Voltage
(Note 34)
(Low Level Output Voltage)
VOL
25°C
-
150
400
mV
+IN=0V, -IN= 1V
ISINK=4mA
Full range
-
-
700
Output Leakage Current
(Note 34)
(High Level Output Current)
ILEAK
25°C
-
0.1
-
nA
+IN=1V, -IN=0V
OUT=5V
Full range
-
-
1
μA
+IN=1V, -IN=0V
OUT=36V
Response Time
tRE
25°C
-
1.3
-
μs
RL=5.1kΩ, VRL=5V
IN=100mVP-P, Overdrive=5mV
-
0.4
-
RL=5.1kΩ, VRL=5V, IN=TTL
Logic Swing, VREF=1.4V
(Note 33) Absolute value
(Note 34) BA2903W: Full range -40°C to +125°C
(Note 35) Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
(Note 36) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com