Electronic Components Datasheet Search
  English  ▼

X  

MPU-400CS Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPU-400CS
Description  MPU-400CS Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPU-400CS Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPU-400CS Datasheet HTML 1Page - MicroPower Direct, LLC MPU-400CS Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPU-400CSSeries
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
90
264
VAC
Input Frequency
47
63
Hz
Input Current, Full Load
90 VAC
6.35
A
Inrush Current, Cold Start
230 VAC
35
A
Leakage Current
1.5
mA
Power Factor Correction
Meets EN 61000-3-2 Class D
Input Protection
Two T8A/250V Fuse
Input Undervoltage Protection
Under 80 VAC ±5 VAC Unit Shuts Down; Unit Recovers Over 86 VAC
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Adjustment
By Trim Pot
±5.0
%
Output Regulation, See Note 1
±1.0
%
Hold Time
120 VAC, 80% Load
20
mSec
Ripple & Noise (20 MHz), See Note 2
See Model Selection Guide
Overload Protection
Foldback Circuit, Autorecovery
110
140
%
Over Voltage Protection
>130% of Rated Output Voltage. Recycle AC Input.
Over Temperature Protection
Autorecovery
+85
ºC
Temperature Coefficient
±0.04
%/ºC
Transient Recovery Time, See Note 4
50% Load Change
2.5
mS
Transient Response Deviation
5.0
%
Overshoot/Undershoot
At Turn On/Off
±5.0
%
Turn On Delay
230 VAC
1.0
S
Output Short Circuit
Continuous With Autorecovery
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, See Note 5
Input - Output
4,000
VAC
Input - FG (Frame Ground)
1,500
Primary - Core
1,500
Switching Frequency
Fixed
30
kHz
Interface Signals
LED Power Supply On
Bi-color LED Is Green For Power On; Orange When Protection Enabled
AC Fail (Option)
Signal goes low (0V) if input drops below 80 VAC (± 5VAC). Signal goes
high (5V) if input rises above 86 VAC
Current Monitor
A 0.5 to 3.0V Output That Represents 0% to 100% Output Current
Current Share (Option)
For Sharing Up To Four Units. Contact The Factory For Details
Margin (Option)
For remote output voltage adjustment. Contact The Factory For Details
Remote Sense
Compensates For Up To A 0.5V Line Drop
Power Good Signal
Goes TTL high 100 to 500 mS after regulation. Goes low at least 1 mS
before the loss of regulation.
Remote On/Off
A TTL low signal inhibits the output.
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
0
+25
+70
ºC
Output Derating
2.5%/ ºC from +50 ºC to + 70 ºC
Storage Temperature Range
-20
+85
ºC
Cooling
See Model Selection Guide
Operating Humidity
RH, Non-condensing
90
%
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 30ºC, Gnd Benign
100
kHours
Safety Standards
EN 60950, UL 60950
EMI Compliance
Compliance to EN 55022 (CISPR22) Class B; EN 61000-3-2, 3
EMS Immunity Compliance
EN 61000-4-2,3,4,5,6, 8,11; EN 55024, CE Marked (LVD)
Vibration
Sinusoidal 5~50 Hz, Acceleration ±7.35 m/s2 on X, Y & Z Axis
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
• Compact 400W Supply
• EN 60950 Approved
• PFC to EN 61000-3-2 “D”
• Low Profile <1U Height
• 700W Peak Power
• Universal 90-264 VAC Input
• Current Share Option
Single Output, 400W
Compact, U-Channel
AC/DC Power Supplies
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MPU-400CS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-400D MPD-MPU-400D Datasheet
1Mb / 4P
Compact 400W Supply
MPU-400D-0512YYZ MPD-MPU-400D-0512YYZ Datasheet
1Mb / 4P
Compact 400W Supply
MPU-400D-0524YYZ MPD-MPU-400D-0524YYZ Datasheet
1Mb / 4P
Compact 400W Supply
MPU-400D-0548YYZ MPD-MPU-400D-0548YYZ Datasheet
1Mb / 4P
Compact 400W Supply
MPU-400D-1224YYZ MPD-MPU-400D-1224YYZ Datasheet
1Mb / 4P
Compact 400W Supply
More results

Similar Description - MPU-400CS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-250SF MPD-MPU-250SF Datasheet
368Kb / 2P
MPU-250F Series
MPU-300M MPD-MPU-300M Datasheet
353Kb / 2P
MPU-300M Series
MPU-300S MPD-MPU-300S Datasheet
373Kb / 2P
MPU-300 Series
MPU-400M MPD-MPU-400M Datasheet
376Kb / 2P
MPU-400M Series
MPU-400S MPD-MPU-400S Datasheet
411Kb / 2P
MPU-400 Series
MPU-500S MPD-MPU-500S Datasheet
360Kb / 2P
MPU-500S Series
MPU-500SE MPD-MPU-500SE Datasheet
383Kb / 2P
MPU-500E Series
MPU-800SE MPD-MPU-800SE Datasheet
383Kb / 2P
MPU-800ESeries
MPU-800SF MPD-MPU-800SF Datasheet
383Kb / 2P
MPU-800F Series
logo
Renesas Technology Corp
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
MPU & MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com