Electronic Components Datasheet Search
  English  ▼

X  

RLSD52A031V Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLSD52A031V
Description  TVS/ESD Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLSD52A031V Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  RLSD52A031V Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLSD52A031V Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLSD52A031V Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLSD52A031V Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLSD52A031V Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLSD52A031V Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLSD52A031V Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TVS/ESD Arrays - RLSD52A Series
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
• Transient protection for data lines to
IEC 61000-4-2 (ESD) ±30kV (air), ±15kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
Cable Discharge Event (CDE)
• Ultra-small SOD-523 package (1.7 x 0.9 x 0.7mm)
• Protects one I/O or power line
• Low clamping voltage
• Working voltage
• Low leakage current
• Solid-state silicon-avalanche technology
Features
Mechanical Characteristics
• SOD-523 package
• Molding compound flammability rating: UL 94V-0
• Packaging: Tape and Reel per EIA 481
• Lead Finish: Matte tin
• RoHS Compliant
Applications
• Switches / Buttons
• Test Equipment /Instrumentation
• Point-of-Sale Terminals
• Medical Equipment
• Notebooks / Desktops /Servers
• Computer Peripherals
• Not Intended for Use in Life Support or Life
Saving Applications
• The products shown herein are not designed
for use in life sustaining or life saving
applications unless otherwise expressly indicated
Life Support Note
Pinout and Functional Block Diagram
UNI
1
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com