Electronic Components Datasheet Search
  English  ▼

X  

BA3404FJ Datasheet(PDF) 13 Page - Rohm

Part # BA3404FJ
Description  Ground Sense Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3404FJ Datasheet(HTML) 13 Page - Rohm

Back Button BA3404FJ Datasheet HTML 9Page - Rohm BA3404FJ Datasheet HTML 10Page - Rohm BA3404FJ Datasheet HTML 11Page - Rohm BA3404FJ Datasheet HTML 12Page - Rohm BA3404FJ Datasheet HTML 13Page - Rohm BA3404FJ Datasheet HTML 14Page - Rohm BA3404FJ Datasheet HTML 15Page - Rohm BA3404FJ Datasheet HTML 16Page - Rohm BA3404FJ Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
13/19
26.OCT.2012 Rev.001
TSZ22111・15・001
BA3404xxx
VH
VL
Time
t
Input voltage
VH
VL
Δt
ΔV
SR=
ΔV/Δt
t
Output voltage
Time
Switch Condition for Test Circuit 2
SW No.
SW
1
SW
2
SW
3
SW
4
SW
5
SW
6
SW
7
SW
8
SW
9
SW
10
SW
11
SW
12
SW
13
SW
14
Supply Current
OFF OFF OFF
ON
OFF
ON
OFF OFF OFF OFF OFF OFF OFF OFF
High Level Output Voltage
OFF OFF
ON
OFF OFF
ON
OFF OFF
ON
OFF OFF OFF
ON
OFF
Low Level Output Voltage
OFF OFF
ON
OFF OFF
ON
OFF OFF OFF OFF OFF OFF
ON
OFF
Output Source Current
OFF OFF
ON
OFF OFF
ON
OFF OFF OFF OFF OFF OFF OFF
ON
Output Sink Current
OFF OFF
ON
OFF OFF
ON
OFF OFF OFF OFF OFF OFF OFF
ON
Slew Rate
OFF OFF OFF
ON
OFF OFF OFF
ON
ON
ON
OFF OFF OFF OFF
Gain Bandwidth Product
OFF
ON
OFF OFF
ON
ON
OFF OFF
ON
ON
OFF OFF OFF OFF
Equivalent Input Noise Voltage
ON
OFF OFF OFF
ON
ON
OFF OFF OFF OFF
ON
OFF OFF OFF
Figure 25. Test Circuit 2 (each Op-Amp)
Figure 26. Slew Rate Input Waveform
Figure 27. Test Circuit 3 (Channel Separation)
VCC
VEE
R1
V
R2
R1//R2
VOUT1
=0.5[Vrms]
VIN
VCC
VEE
R1
V
R2
R1//R2
VOUT2
OTHER
CH
CS
=20×log
100
×VOUT1
VOUT2
SW1
SW2
SW3
SW10
SW11
SW12
A
VIN-
VIN+
RL
VCC
VEE
SW9
SW6
SW7
SW8
CL
SW13
SW14
A
V
VOUT
RS
SW5
SW4
V
R1
R2
C
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com