Electronic Components Datasheet Search
  English  ▼

X  

CCR250 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # CCR250
Description  CURRENT REGULATOR CHIPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

CCR250 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  CCR250 Datasheet HTML 1Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
MINIMUM
MINIMUM
DYNAMIC
KNEE
MAXIMUM
TYPE
REGULATOR CURRENT
IMPEDANCE
IMPEDANCE
LIMITING
PEAK
NUMBER
l p (mA) @ VS = 25V
@VS = 25V
@VK = 6.0 V
VOLTAGE
OPERATING
ZS (KΩ)ZK(KΩ)@ lL = 0.8 I p (min)
VOLTAGE
NOM
MIN
MAX
(Note 2)
(Note 3)
VL (VOLTS)
VOLTS
CCR250
5.10
4.59
5.61
100
4.0
3.67
80
CCR251
5.60
5.04
6.16
90
4.0
4.03
80
CCR252
6.20
5.58
6.82
80
3.0
4.46
70
CCR253
6.80
6.12
7.48
70
2.0
4.90
70
CCR254
7.50
6.75
8.25
50
1.5
5.40
60
CCR255
8.20
7.38
9.02
30
1.5
5.90
60
CCR256
9.10
8.19
10.01
20
1.0
6.55
50
CCR257
10.00
9.00
11.10
10
1.0
7.20
50
NOTE 1
IP is read using a pulse measurement, 10 milliseconds maximum.
NOTE 2
ZS is derived by superimposing A 90Hz RMS signal equal to 10% of VS on VS
NOTE 3
ZK is derived by superimposing A 90Hz RMS signal equal to 10% of VK on VK
MAXIMUM RATINGS
Operating Temperature: -55°C to +175°C
Storage Temperature: -55°C to +175°C
Backside is Cathode
A = Anode
DESIGN DATA
METALLIZATION:
Top:
(Anode) .......................Al
Back: (Cathode)...................Au
AL THICKNESS...........25,000
Å Min
GOLD THICKNESS .......4,000
Å Min
CHIP THICKNESS .................10 Mils
TOLERANCES: ALL Dimensions
+ 2 mils, except Anode Pad where
tolerance is + 0.1 mils.
CCR250 thru CCR257
• CURRENT REGULATOR CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• CONSTANT CURRENT OVER WIDE VOLTAGE RANGE
• HIGH SOURCE IMPEDANCE
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com


Similar Part No. - CCR250

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CCR250 MICROSEMI-CCR250 Datasheet
23Kb / 2P
CURRENT REGULATOR CHIPS
More results

Similar Description - CCR250

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD5283 CDI-DIODE-CD5283 Datasheet
32Kb / 2P
CURRENT REGULATOR CHIPS
logo
Microsemi Corporation
CCR250 MICROSEMI-CCR250 Datasheet
23Kb / 2P
CURRENT REGULATOR CHIPS
CD5283 MICROSEMI-CD5283 Datasheet
35Kb / 2P
CURRENT REGULATOR CHIPS
logo
Micross Components
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
Current Regulator Diode
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
Current Regulator Diode
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
Low-TCR Current Sense Chips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com