Electronic Components Datasheet Search
  English  ▼

X  

THI3 Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # THI3
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THI3 Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  THI3 Datasheet HTML 1Page - Touchstone Semiconductor Inc THI3 Datasheet HTML 2Page - Touchstone Semiconductor Inc THI3 Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
DC/DC Converters
THI 3 Series
3 Watt
Input Specifications
Input current no load / full load
5 Vin models: 130 mA / 1000 mA typ.
12 Vin models: 60 mA / 420 mA typ.
24 Vin models: 40 mA / 210 mA typ.
Surge voltage (1 sec. max.)
5 Vin models: 7.5 V max.
12 Vin models: 15 V max.
24 Vin models: 30 V max.
Recommanded input fuse (slow blow)
5 Vin models: 2 A
12 Vin models: 1 A
24 Vin models: 0.5 A
Input filter
Pi-Filter
Conducted noise
EN 55022, class A and FCC level A
Output Specifications
Voltage set accuracy
±4 %
Voltage balance (dual output models)
4 % max.
Regulation
– Input variation
0.5 %
– Load variation 10–100%
1.0 % max.
Min. load
no minimum load required
Ripple and noise (20 MHz Bandwidth)
50 mVpk-pk max.
Temperature coefficient
±0.02 %/K
Short circuit protection
continuous (automatic recovery)
Capacitive load
single output models: 470 µF max.
dual output models: 220 µF max. (each output)
Isolation / Safety Standards
I/O isolation voltage
– to meet ES/IEC/EN 60601-1
4000 VACrms, rated for 300 Vrms working
(50Hz, 60sec.)
voltage, 2 x MOOP
Isolation capacitance
– Input/Output
20 pF typ.
Isolation resistance
– Input/Output
>10 Gohm (at 500 VDC)
Pri-Sec leakage current (at 240VAC, 60Hz)
2 µA
Safety standards
IEC/EN 60950-1, IEC/EN 60601-1 3rd Edition,
ANSI/AAMI ES60601-1 and CAN/CSA-C22.2
No. 60601-1, Medical Electrical Equipment -
Part 1: General Requirements for Basic Safety
and Essential Performance
Safety approvals
– CB test certificate according IEC 60950-1
www.tracopower.com/products/thi3-cb60950.pdf
– CB test certificate according IEC 60601-1
www.tracopower.com/products/thi3-cb60601.pdf
– UL online certification to ES 60601-1
www.ul.com/database File: e188913 - QQHM2
General Specifications
Temperature ranges
– Operating
–40°C to +75°C
– Case temperature
+95°C max.
– Storage
–50°C to +125°C
Derating
2.78 %/K above 60°C
Humidity (non condensing)
95 % rel. H max.
Altitude during operation
4000 m
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>1 Mio h
Switching frequency
25 – 60 kHz (PFM)
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com