Electronic Components Datasheet Search
  English  ▼

X  

THL3WI Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # THL3WI
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THL3WI Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  THL3WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THL3WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THL3WI Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
Page 2 of 3
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
THL 3WI(SM) Series 3 Watt
Input Specifications
Input current at no load (nominal input voltage)
24 Vin models: 30 mA typ.
48 Vin models: 20 mA typ.
Input current at full load (nominal input voltage)
24 Vin; 3.3 VDC model: 110 mA typ.
24 Vin other models: 160 mA typ.
48 Vin; 3.3 VDC model: 55 mA typ.
48 Vin other models: 80 mA typ.
Surge voltage (1 sec. max.)
24 Vin models: 50 V max.
48 Vin models: 100 V max.
Conducted noise
EN 55022 level A, FCC part 15, level A without
external components
Recommended input fuse (slow blow)
24 V models: 1500 mA
48 V models: 800 mA
Output Specifications
Voltage set accuracy
±2 % max
Regulation
– Input variation Vin min. to Vin max.
1.0 % max.
– Load variation 15 – 100 %
1.0 % max.
Minimum load
15 % of rated max current (operation at lower
load condition is safe but a higher output ripple
will be experienced)
Temperature coefficient
±0.02 %/K
Ripple and noise (20 MHz bandwidth)
60 mVp-p typ.
Transient response setting time (25 % load step change)
300 µs typ.
Short circuit protection
indefinite, automatic recovery
Capacitive load
3.3 & 5 VDC models: 220 µF max.
all other models: 47 µF max.
General Specifications
Temperature
– Operating (natural convection cooling 20 LFM)
–40°C to +85°C
– Storage
–40°C to +125°C
– Case
+105°C max.
Load derating (natural convection cooling 20 LFM)
DIP models: 2.5 %/K above +65°C
SMD 3.3 & 5.0 VDC models: 2.2 %/K above +55°C
SMD other models: 2.5 %/K above +60°C
Humidity (non condensing)
95 %
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>300‘000 h
Isolation voltage (60 sec.)
– Input/Output
1’500 VDC
Isolation capacitance
– Input/Output
500 pF max.
Isolation resistance
– Input/Output (500 VDC)
>1 GOhm
Safety standard (designed to meet)
IEC 60950-1, UL 60950-1
Safety approvals
– CB test certificate according IEC 60950-1
www.tracopower.com/products/thl3wi-cb.pdf
– CSA certificate for UL/cUL 60950-1
www.tracopower.com/products/thl3wi-csa.pdf
Switching frequency
350 kHz
Altitude during operation
5‘000 m max. (16‘400 ft) approved
Remote On/Off
– On:
2.5 to 5.5 VDC or open circuit
– Off:
–0.7 to 0.8 VDC
– Off stand by input current
5 mA max.
Environmental compliance
– Reach
www.tracopower.com/products/thl3wi-reach.pdf
– RoHS
RoHS directive 2011/65/EU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com