Electronic Components Datasheet Search
  English  ▼

X  

THN20 Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # THN20
Description  DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THN20 Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  THN20 Datasheet HTML 1Page - Touchstone Semiconductor Inc THN20 Datasheet HTML 2Page - Touchstone Semiconductor Inc THN20 Datasheet HTML 3Page - Touchstone Semiconductor Inc THN20 Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.tracopower.com
Page 3 of 4
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
THN 20 Series
20 Watt
Output Specifications
Max. capacitive load
3.3 VDC models: 7’000 µF
5 VDC models: 5’000 µF
12 VDC models: 850 µF
15 VDC models: 700 µF
±12 VDC models: 500 µF (each output)
±15 VDC models: 350 µF (each output)
General Specifications
Temperature ranges
– Operating without heat sink
–40°C to +75°C (with derating)
– Operating with heat sink
–40°C to +85°C (with derating)
– Case temperature
+105°C max.
– Storage
–55°C to +125°C
Power derating
– Operating without heat sink
2.0 %/K above 60°C
– Operating with heat sink
2.0 %/K above 70°C
Thermal inpedance
– Natural convection
17.6°C/W
– Natural convection with heat sink
14.8°C/W
Humidity (non condensing)
5 % to 95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>550’000 h
Isolation voltage (60sec.)
– Input/Output
1’500 VDC
Isolation capacitance
– Input/Output
1000 pF typ.
Isolation resistance
– Input/Output (500 VDC)
>1’000 MOhm
Remote On/Off
– On:
3.0 ... 15 VDC or open circuit
– Off:
0 ... 1.2 VDC or short circuit pin 6 and pin 2
– Off idle current:
1.5 mA
Switching frequency (fixed)
330 kHz typ. (pulse width modulation PWM)
Vibration and thermal shock
EN 61373, MIL-STD-810E
Safety standards
UL /cUL 60950-1, EN 60950-1, IEC 60950-1
Safety approvals
– UL/cUL
www.ul.com -> certifications -> File e188913
t
Physical Specifications
Casing material
nickel coated copper
Baseplate
non conductive FR4
Potting material
silicone (UL 94V-0 rated)
Weight
15 g (0.53 oz)
Soldering temperature
max. 265°C / 10 sec.
Environmental compliance
– Reach
www.tracopower.com/products/thn20-reach.pdf
– RoHS
RoHS directive 2011/65/EU
Application note: www.tracopower.com/products/thn20-application.pdf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com