Electronic Components Datasheet Search
  English  ▼

X  

THV Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # THV
Description  High Voltage Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THV Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  THV Datasheet HTML 1Page - Touchstone Semiconductor Inc THV Datasheet HTML 2Page - Touchstone Semiconductor Inc THV Datasheet HTML 3Page - Touchstone Semiconductor Inc THV Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.tracopower.com
Page 3 of 4
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Connection Diagram
Connection for remote control by variable resistor
Connection for remote control voltage control
80%
100%
60%
40%
20%
0%
0 Ohm
5 kOhm
R1
0 Ohm
5 kOhm
R2
Resistance Control
=
+
–
+
–
–Vin
+Vin
1
2
Load
Vout Com
HV out
6
43
Vref
Vadj
R2
R1
VR = 5 kOhm
C1
47 µF
C2
4700 pF
THV Series
180, 300, 350 Vout
5
=
+
–
+
–
–Vin
+Vin
1
2
Load
Vout Com
HV out
6
7
54
3
SW1
ON/OFFVref
Vadj
R2
R1
VR = 5 kOhm
C1
47 µF
C2
4700 pF
Open=ON
Short=OFF
THV/ SHV Series
500, 1.0k, 1.5k, 2.0k Vout
80%
100%
60%
40%
20%
0%
1V
2V
3V
4V
Voltage Control
=
+
–
+
–
–Vin
+Vin
1
2
Load
Vout Com
HV out
6
5
43
Vref
Vadj
=
+–
THV Series
180, 300, 350 Vout
(open)
Remote voltage control 0 – 4 V
C2
4700 pF
C1
47 µF
=
+
–
+
–
–Vin
+Vin
1
2
Load
Vout Com
HV out
6
7
54
3
SW1
ON/OFFVrefVadj
=
+–
(open)
C1
47 µF
C2
4700 pF
Open=ON
Short=OFF
THV/ SHV Series
500, 1.0k, 1.5k, 2.0k Vout
Remote voltage control 0 – 4 V
High Voltage Power Supplies
THV Series
2 – 3 Watt
Physical Specifications
Casing material
Steel chrome-nickel plated
Weight
THV models case A : 47 g (1.66 oz)
THV models case B : 65 g (2.29 oz)
SHV models : 98 g (3.46 oz)
Soldering temperature
max. 265°C / 10 sec.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com