Electronic Components Datasheet Search
  English  ▼

X  

TMA Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # TMA
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TMA Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TMA Datasheet HTML 1Page - Touchstone Semiconductor Inc TMA Datasheet HTML 2Page - Touchstone Semiconductor Inc TMA Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
Page 2 of 3
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
TMA Series
1 Watt
Input Specifications
Input current no load /full load
5 Vin models: 30 mA / 260 mA typ.
12 Vin models: 12 mA / 110 mA typ.
15 Vin models: 12 mA / 100 mA typ.
24 Vin models:
7 mA / 55 mA typ.
Surge voltage (1 sec. max.)
5 Vin models:
9 V max.
12 Vin models: 18 V max.
15 Vin models: 21 V max.
24 Vin models: 30 V max.
Reverse voltage protection
0.3 A max.
Reflected input ripple current
can be reduced by ext. 1–3.3 µF polyester film
capacitor
Input filter
internal capacitors
Output Specifications
Voltage set accuracy
±3 %
Voltage balance (dual output models)
±1 % max.
Regulation
– Input variation
±1.2 % / 1 % change Vin
– Load variation 20 – 100 %
±10 % max.
Ripple and noise (20 MHz Bandwidth)
100 mVp-p typ.
Temperature coefficient
±0.02 %/K
Short circuit protection
limited 1 sec. max.
Capacitive load
– Single output models
220 µF max.
– Dual output models
100 µF max.
General Specifications
Temperature ranges
– Operating
–40°C to +85°C
– Case temperature
+95°C max.
– Storage
–40°C to +105°C
Humidity (non condensing)
95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>2’000’000 h
Isolation voltage (input/output)
1‘000 VDC
Isolation capacitance (input/output)
60 pF typ.
Isolation resistance (input/output)
>1‘000 Mohm
Switching frequency
100 kHz typ. (frequency modulation)
Frequency change over line and load
±30 % max.
Environmental compliance
– Reach
www.tracopower.com/products/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
Application note: www.tracopower.com/products/tma-application.pdf



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com