Electronic Components Datasheet Search
  English  ▼

X  

TME Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # TME
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TME Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  TME Datasheet HTML 1Page - Touchstone Semiconductor Inc TME Datasheet HTML 2Page - Touchstone Semiconductor Inc TME Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
Jenatschstrasse 1 · CH-8002 Zurich · Switzerland
Tel. +41 43 311 45 11 · Fax +41 43 311 45 45 · info@traco.ch · www.tracopower.com
Physical Specifications
Casing material
non conductive black plastic
(UL 94-V0 rated)
Package weight
3.3 / 5.0 / 12 Vin models 1.3 g (0.05 oz)
24 Vin models 1.7 g (0.06 oz)
Soldering temperature
max. 265°C / 10 sec.
Outline Dimensions mm (inches)
Bottom view
2.54
11.5 (0.45)
2
1
0.5
1.9 2.54
34
0.5 (0.02)
2.54
(0.02)
0.5 (0.02)
(0.1)
(0.1)
(0.1)
(0.08
±0.02)
±0.5
Tolerances ±0.25 (±0.01)
Pin pich tolerance ±0.13 (±0.005)
pins ±0.05 (±0.002)
Pin
Single
1
–Vin (GND)
2
+Vin (Vcc)
3
–Vout
4
+Vout
Pin-Out
DC/DC Converters
TME Series
1 Watt
Rev. 06/10
Specifications can be changed any time without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com