Electronic Components Datasheet Search
  English  ▼

X  

AD5228 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5228
Description  32-Position Manual Up/Down Control Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5228 Datasheet HTML 3Page - Analog Devices AD5228 Datasheet HTML 4Page - Analog Devices AD5228 Datasheet HTML 5Page - Analog Devices AD5228 Datasheet HTML 6Page - Analog Devices AD5228 Datasheet HTML 7Page - Analog Devices AD5228 Datasheet HTML 8Page - Analog Devices AD5228 Datasheet HTML 9Page - Analog Devices AD5228 Datasheet HTML 10Page - Analog Devices AD5228 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5228
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
032
28
24
20
16
12
8
4
CODE (Decimal)
TA = 25°C
5.5V
2.7V
Figure 7. R-INL vs. Code vs. Supply Voltages
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
032
28
24
20
16
12
8
4
CODE (Decimal)
VDD = 5.5V
–40
°C
+25
°C
+85
°C
+105
°C
Figure 8. R-INL vs. Code vs. Temperature, VDD = 5 V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
032
28
24
20
16
12
8
4
CODE (Decimal)
TA = 25°C
5.5V
2.7V
Figure 9. R-DNL vs. Code vs. Supply Voltages
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
03
28
24
20
16
12
8
4
CODE (Decimal)
2
VDD = 5.5V
–40
°C
+25
°C
+85
°C
+105
°C
Figure 10. R-DNL vs. Code vs. Temperature, VDD = 5 V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
03
28
24
20
16
12
8
4
CODE (Decimal)
2
TA = 25°C
5.5V
2.7V
Figure 11. INL vs. Code vs. Supply Voltages
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
03
28
24
20
16
12
8
4
CODE (Decimal)
2
VDD = 5.5V
–40
°C
+25
°C
+85
°C
+105
°C
Figure 12. INL vs. Code, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com