Electronic Components Datasheet Search
  English  ▼

X  

PIC16F62X Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F62X
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62X Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F62X Datasheet HTML 87Page - Microchip Technology PIC16F62X Datasheet HTML 88Page - Microchip Technology PIC16F62X Datasheet HTML 89Page - Microchip Technology PIC16F62X Datasheet HTML 90Page - Microchip Technology PIC16F62X Datasheet HTML 91Page - Microchip Technology PIC16F62X Datasheet HTML 92Page - Microchip Technology PIC16F62X Datasheet HTML 93Page - Microchip Technology PIC16F62X Datasheet HTML 94Page - Microchip Technology PIC16F62X Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 89
PIC16F62X
13.3
READING THE EEPROM DATA
MEMORY
To read a data memory location, the user must write the
address to the EEADR register and then set control bit
RD (EECON1<0>). The data is available, in the very
next cycle, in the EEDATA register; therefore it can be
read in the next instruction. EEDATA will hold this value
until another read or until it is written to by the user
(during a write operation).
EXAMPLE 13-1:
DATA EEPROM READ
BSF
STATUS, RP0
; Bank 1
MOVLW
CONFIG_ADDR
;
MOVWF
EEADR
; Address to read
BSF
EECON1, RD
; EE Read
MOVF
EEDATA, W
; W = EEDATA
BCF
STATUS, RP0
; Bank 0
13.4
WRITING TO THE EEPROM DATA
MEMORY
To write an EEPROM data location, the user must first
write the address to the EEADR register and the data
to the EEDATA register. Then the user must follow a
specific sequence to initiate the write for each byte.
EXAMPLE 13-2:
DATA EEPROM WRITE
BSF
STATUS, RP0
; Bank 1
BSF
EECON1, WREN
; Enable write
BCF
INTCON, GIE
; Disable INTs.
MOVLW
55h
;
MOVWF
EECON2
; Write 55h
MOVLW
AAh
;
MOVWF
EECON2
; Write AAh
BSF
EECON1,WR
; Set WR bit
; begin write
BSF
INTCON, GIE
; Enable INTs
.
The write will not initiate if the above sequence is not
exactly followed (write 55h to EECON2, write AAh to
EECON2, then set WR bit) for each byte. We strongly
recommend that interrupts be disabled during this
code segment. A cycle count is executed during the
required sequence. Any number that is not equal to the
required cycles to execute the required sequence will
cause the data not to be written into the EEPROM.
Additionally, the WREN bit in EECON1 must be set to
enable write. This mechanism prevents accidental
writes to data EEPROM due to errant (unexpected)
code execution (i.e., lost programs). The user should
keep the WREN bit clear at all times, except when
updating EEPROM. The WREN bit is not cleared
by hardware.
After a write sequence has been initiated, clearing the
WREN bit will not affect this write cycle. The WR bit will
be inhibited from being set unless the WREN bit is set.
At the completion of the write cycle, the WR bit is
cleared in hardware and the EE Write Complete
Interrupt Flag bit (EEIF) is set. The user can either
enable this interrupt or poll this bit. The EEIF bit in the
PIR1 registers must be cleared by software.
13.5
WRITE VERIFY
Depending on the application, good programming
practice may dictate that the value written to the Data
EEPROM should be verified (Example 13-3) to the
desired value to be written. This should be used in
applications where an EEPROM bit will be stressed
near the specification limit.
EXAMPLE 13-3:
WRITE VERIFY
BSF
STATUS, RP0
; Bank 1
MOVF
EEDATA, W
BSF
EECON1, RD
; Read the
; value written
;
; Is the value written (in W reg) and
; read (in EEDATA) the same?
;
SUBWF EEDATA, W
;
BCF
STATUS, RP0
; Bank0
BTFSS STATUS, Z
; Is difference 0?
GOTO
WRITE_ERR
; NO, Write error
:
; YES, Good write
:
; Continue program
13.6
PROTECTION AGAINST
SPURIOUS WRITE
There are conditions when the device may not want to
write to the data EEPROM memory. To protect against
spurious EEPROM writes, various mechanisms have
been built in. On power-up, WREN is cleared. Also, the
Power-up
Timer
(72
ms
duration)
prevents
EEPROM write.
The write initiate sequence, and the WREN bit together
help prevent an accidental write during brown-out,
power glitch, or software malfunction.
13.7
DATA EEPROM OPERATION
DURING CODE PROTECT
When the device is code protected, the CPU is able to
read and write unscrambled data to the Data
EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com