Electronic Components Datasheet Search
  English  ▼

X  

AT49F008AT Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT49F008AT
Description  8-megabit (1M x 8/512K x 16) Flash Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F008AT Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT49F008AT Datasheet HTML 9Page - ATMEL Corporation AT49F008AT Datasheet HTML 10Page - ATMEL Corporation AT49F008AT Datasheet HTML 11Page - ATMEL Corporation AT49F008AT Datasheet HTML 12Page - ATMEL Corporation AT49F008AT Datasheet HTML 13Page - ATMEL Corporation AT49F008AT Datasheet HTML 14Page - ATMEL Corporation AT49F008AT Datasheet HTML 15Page - ATMEL Corporation AT49F008AT Datasheet HTML 16Page - ATMEL Corporation AT49F008AT Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AT49F008A(T)/8192A(T)
13
Software Product Identification Entry
(1)
Software Product Identification Exit
(1)(6)
Notes:
1.
Data Format: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex)
Address Format: A15 - A0 (Hex), A-1, and A15 - A18
(Don’t Care).
2.
A1 - A18 = VIL.
Manufacture Code is read for A0 = VIL;
Device Code is read for A0 = VIH.
3.
The device does not remain in identification mode if
powered down.
4.
The device returns to standard operation mode.
5.
Manufacturer Code: 1FH
Device Code: 22H (AT49F008A), A0H (AT49F8192A),
21H (AT49F008AT), A3H (AT49F8192AT)
6.
Either one of the Product ID Exit commands can be used.
7.
If the alternate pin definition is used,
5555 should be replaced with A555,
2AAA should be replaced with 5AAA.
Boot Block
Lockout Enable Algorithm(1)
Notes:
1.
Data Format: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex)
Address Format: A15 - A0 (Hex), A-1, and A15 - A18
(Don’t Care).
2.
Boot block lockout feature enabled.
3.
If the alternate pin definition is used,
5555 should be replaced with A555,
2AAA should be replaced with 5AAA.
LOAD DATA AA
TO
ADDRESS 5555(7)
LOAD DATA 55
TO
ADDRESS 2AAA(7)
LOAD DATA 90
TO
ADDRESS 5555(7)
ENTER PRODUCT
IDENTIFICATION
MODE(2)(3)(5)
LOAD DATA AA
TO
ADDRESS 5555(7)
LOAD DATA 55
TO
ADDRESS 2AAA(7)
LOAD DATA F0
TO
ADDRESS 5555(7)
EXIT PRODUCT
IDENTIFICATION
MODE(4)
OR
LOAD DATA F0
TO
ANY ADDRESS
EXIT PRODUCT
IDENTIFICATION
MODE(4)
LOAD DATA AA
TO
ADDRESS 5555(3)
LOAD DATA 55
TO
ADDRESS 2AAA(3)
LOAD DATA 80
TO
ADDRESS 5555(3)
LOAD DATA AA
TO
ADDRESS 5555(3)
LOAD DATA 55
TO
ADDRESS 2AAA(3)
LOAD DATA 40
TO
ADDRESS 5555(3)
PAUSE 1 second(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com