Electronic Components Datasheet Search
  English  ▼

X  

T2322 Datasheet(PDF) 2 Page - Motorola, Inc

Part # T2322
Description  SENSITIVE GATE TRIACs 2.5 AMPERES RMS 200 thru 600 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

T2322 Datasheet(HTML) 2 Page - Motorola, Inc

  T2322 Datasheet HTML 1Page - Motorola, Inc T2322 Datasheet HTML 2Page - Motorola, Inc T2322 Datasheet HTML 3Page - Motorola, Inc T2322 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T2322 T2323 Series
2
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
3.5
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
60
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C and either polarity of MT2 to MT1 voltage unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current
(VD = Rated VDRM, Gate Open)
TJ = 25°C
TJ = 100°C
IDRM
—
—
—
0.2
10
0.75
µA
mA
Peak On-State Voltage*
(ITM = 10 A)
T2323 Series
T2322 Series
VTM
—
—
1.7
1.7
2.6
2.2
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 V, RL = 30 Ω)
All Modes
T2322 Series
MT2(+), G(+); MT2(–), G(–)
T2323 Series
MT2(+), G(–); MT2(–),I G(+)
T2323 Series
IGT
—
—
—
—
—
—
10
25
40
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 Vdc, RL = 30 Ω, TC = 25°C)
(VD = VDRM, RL = 125 Ω, TC = 100°C)
VGT
—
0.15
1
—
2.2
—
Volts
Holding Current
(VD = 12 V, ITM = 150 mA, Gate Open)
IH
—
15
30
mA
Gate Controlled Turn-On Time
(VD = Rated VDRM, ITM = 10 A pk, IG = 60 mA)
tgt
—
1.8
2.5
µs
Critical Rate-of-Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Waveform, TC = 100°C)
dv/dt
10
100
—
V/
µs
Critical Rate-of-Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 3.5 A pk, Commutating
di/dt = 1.26 A/ms, Gate Unenergized, TC = 90°C)
dv/dt(c)
1
4
—
V/
µs
*Pulse Test: Pulse Width
p 300 µs, Duty Cycle p 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com