Electronic Components Datasheet Search
  English  ▼

X  

STR-V152 Datasheet(PDF) 9 Page - Sanken electric

Part # STR-V152
Description  Low Profile and Creeping distance of 4mm Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-V152 Datasheet(HTML) 9 Page - Sanken electric

Back Button STR-V152 Datasheet HTML 2Page - Sanken electric STR-V152 Datasheet HTML 3Page - Sanken electric STR-V152 Datasheet HTML 4Page - Sanken electric STR-V152 Datasheet HTML 5Page - Sanken electric STR-V152 Datasheet HTML 6Page - Sanken electric STR-V152 Datasheet HTML 7Page - Sanken electric STR-V152 Datasheet HTML 8Page - Sanken electric STR-V152 Datasheet HTML 9Page - Sanken electric STR-V152 Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Low Profile and Creeping distance of 4mm Package
650V, 2.8Ω, tOFF= 8µs, PRC Off-Line Switching Regulator
STR-V152
SANKEN ELECTRIC CO.,LTD.
Mar/28/2012
9
OPERATING PRECAUTIONS
Reliability can be affected adversely by improper storage environments and handling methods. Please observe the following
cautions.
Cautions for Storage
 Ensure that storage conditions comply with the standard temperature (5 to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity.
 Avoid locations where dust or harmful gases are present and avoid direct sunlight.
 Reinspect for rust on leads and solderability of products that have been stored for a long time.
Cautions for Testing and Handling
 When tests are carried out during inspection testing and other standard test periods, protect the products from power
surges from the testing products, shorts between the product pins, and wrong connections. In addition, avoid tests
exceeded ratings
Remarks about Using Silicone Grease with a Heatsink
 When silicone grease is used in mounting this product on a heatsink, it shall be applied evenly and thinly. If more
silicone grease than required is applied, it may produce excess stress.
 Volatile-type silicone greases may crack after long periods of time, resulting in reduced heat radiation effect. Silicone
grease with low consistency (hard grease) may cause cracks in the mold resin when screwing the product to a heatsink.
Our recommended silicone grease for heat radiation purposes, which will not cause any adverse effect on the product life,
are indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
MOMENTIVE performance materials Inc.
SC102
Dow Corning Toray Co., Ltd.
Soldering
 When soldering the products, please be sure to minimize the working time, within the following limits.
・260±5°C
10±1 s(Flow, 2times)
・380±10°C
3.5±0.5s (Soldering iron, 1time)
Soldering should be at a distance of at least 1.5 mm from the body of the products.
Electrostatic Discharge
 When handling the products, the operator must be grounded. Grounded wrist straps worn should have at least 1MΩ of
resistance from the operator to ground to prevent shock hazard, and it should be placed near the operator.
 Workbenches where the products are handled should be grounded and be provided with conductive table and floor mats.
 When using measuring equipment such as a curve tracer, the equipment should be grounded.
 When soldering the products, the head of a soldering irons or the solder bath must be grounded in order to prevent leak
voltages generated by them from being applied to the products.
 The products should always be stored and transported in Sanken shipping containers or conductive containers, or be
wrapped in aluminum foil.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com