Electronic Components Datasheet Search
  English  ▼

X  

DC4R Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # DC4R
Description  Bati ouvert a 4 montants a assembler en acier robuste
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DC4R Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  DC4R Datasheet HTML 1Page - Hammond Manufacturing Ltd. DC4R Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rail Depth Cable Manager
Vertical Fingered Rack Cable Manager
with Door
Cable Management
Two Post Mounting Cantilever Shelf
Two Post Mounting Adjustable Shelf
Two Post Mounting Keyboard &
Monitor Shelf
Two or Four Post Mounting Storage
Drawer
Four Post Mounting Adjustable Depth
Shelf
Four Post Mounting Keyboard Drawer
Four Post Mounting Sliding Shelf
Outlet Strips
Hinged Acrylic Door Panel Cover
Mounting Hardware
Rack Panels
Grounding
Light Duty Caster Set for Open Frame
Rack
Rack Unit Label
Rack and Cabinet
Baying/Ganging/Joining Kit
Part No.
Overall Dimensions (with base facing outwards)
Mounting Dimensions
Height
Width
Min Depth
Max Depth
Height Width
Rack Units
Min Depth
Max Depth
DC4R24
48.12
20.50
36.00
48.00
42.00
19.00
24U
24.00
36.00
DC4R2448
48.12
20.50
44.00
60.00
42.00
19.00
24U
32.00
48.00
DC4R44
83.13
20.50
36.00
48.00
77.00
19.00
44U
24.00
36.00
DC4R4448
83.13
20.50
44.00
60.00
77.00
19.00
44U
32.00
48.00
DC4R Specific Accessories
Part No.
Description
DC4RSHCM
Additional Horizontal Cable Bars (2)
DC4RPR24
Additional pair of rails for DC4R 24U
DC4RPR44
Additional pair of rails for DC4R 44U
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com