Electronic Components Datasheet Search
  English  ▼

X  

CMF50 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CMF50
Description  Metal Film Resistors, Industrial, Precision
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMF50 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CMF50 Datasheet HTML 1Page - Bourns Electronic Solutions CMF50 Datasheet HTML 2Page - Bourns Electronic Solutions CMF50 Datasheet HTML 3Page - Bourns Electronic Solutions CMF50 Datasheet HTML 4Page - Bourns Electronic Solutions CMF50 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMF Industrial
www.vishay.com
Vishay Dale
Revision: 09-Sep-13
1
Document Number: 31018
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, Industrial, Precision
FEATURES
• Small size - conformal coated
• Flame retardant epoxy coating
• Controlled temperature coefficient
• Excellent high frequency characteristics
• Exceptionally low noise; typically 0.10 μV/V
• Low voltage coefficient to ± 5 ppm/V
• Special
tolerance
and
or
TC
matching
available on request
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details.
Vishay Dale Model CMF is also available as Military Qualified Styles RN and RL. See Vishay Dale’s CMF (Military RN and RL)
datasheet (www.vishay.com/doc?31027) for the MIL-SPEC ratings / attributes. (Except for marking, the Industrial and Military
versions are exactly the same).
Notes
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less
(2) See the load life shift due to power and derating table for a summary of the more common combinations of power rating, case size and
ambient operating temperature that prevail in various industrial and military resistor specifications. The “performance” table quantifies the
load life stability under these combinations.
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
MAXIMUM
WORKING
VOLTAGE (1)
V
POWER
RATING
P70 °C (2)
W
POWER
RATING
P125 °C (2)
W
RESISTANCE
RANGE
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CMF50
CMF-50
200
0.25
0.125
10 to 2.5M
0.1, 0.25, 0.5, 1
25
10 to 2.5M
0.1, 0.25, 0.5, 1, 2, 5
50
10 to 2.5M
1, 2, 5
100
10 to 22M
1, 2, 5
150, 200
CMF55
CMF-55
250
0.5
0.25
10 to 2.5M
0.1, 0.25, 0.5, 1
25
10 to 2.5M
0.1, 0.25, 0.5
50
10 to 5M
1, 2, 5
50
1 to 22.1M
1, 2, 5
100
0.5 to 50M
1, 2, 5
150
0.5 to 50M
1
200
0.1 to 50M
2, 5
200
CMF60
CMF-60
500
1
0.5
10 to 2.5M
0.1, 0.25, 0.5, 1
25
10 to 2.5M
0.1, 0.25, 0.5
50
10 to 10M
1, 2, 5
50
1 to 10M
1, 2, 5
100
0.5 to 10M
1, 2, 5
150
0.5 to 10M
1
200
0.1 to 10M
2, 5
200
CMF65
CMF-65
500
1
0.75
10 to 2.5M
0.1, 0.25, 0.5, 1
25
10 to 2.5M
0.1, 0.25, 0.5
50
10 to 10M
1, 2, 5
50
1 to 15M
1, 2, 5
100
0.5 to 22M
1, 2, 5
150
0.5 to 22M
1
200
0.1 to 22M
2, 5
200
CMF70
CMF-70
500
1
0.75
10 to 2.5M
0.1, 0.25, 0.5, 1
25
10 to 2.5M
0.1, 0.25, 0.5
50
10 to 10M
1, 2, 5
50
1 to 15M
1, 2, 5
100
1 to 22M
1, 2, 5
150, 200
CMF07
CMF-07
250
0.5
-
5 to 5M
2, 5
100
1 to 5M
2, 5
150, 200
CMF20
CMF-20
500
1
-
5 to 10M
2, 5
100
1 to 10M
2, 5
150, 200
P x R


Similar Part No. - CMF50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMF50 VISHAY-CMF50 Datasheet
160Kb / 5P
Metal Film Resistors
28-Aug-06
CMF50 VISHAY-CMF50 Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
CMF50 VISHAY-CMF50 Datasheet
146Kb / 5P
Metal Film Resistors, Axial, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-Feb-2022
CMF50 VISHAY-CMF50 Datasheet
109Kb / 5P
CMF Industrial Metal Film Resistors, Axial, Industrial, Precision
07-May-2024
CMF501M0000BEEA VISHAY-CMF501M0000BEEA Datasheet
109Kb / 5P
CMF Industrial Metal Film Resistors, Axial, Industrial, Precision
07-May-2024
More results

Similar Description - CMF50

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
Vishay Siliconix
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
Metal Film Resistors, Industrial, Precision
02-May-13
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
19-Nov-12
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Mar-10
CMF55301R00FKRE70 VISHAY-CMF55301R00FKRE70 Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
09-Sep-13
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
CMFINDUSTRIAL VISHAY-CMFINDUSTRIAL Datasheet
159Kb / 5P
Metal Film Resistors, Industrial, Precision
24-Apr-14
CMFNON-MAGNETIC VISHAY-CMFNON-MAGNETIC Datasheet
151Kb / 5P
Metal Film Resistors, Non-Magnetic, Industrial, Precision
23-Apr-14
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
GSR VISHAY-GSR Datasheet
77Kb / 3P
Metal Film Resistors, Hermetically-Sealed, Precision, Industrial
19-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com