Electronic Components Datasheet Search
  English  ▼

X  

CSR0402 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSR0402
Description  CSR/CSRN Series Thick Film Current Sensing Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSR0402 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSR0402 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSR0402 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 11/05/2012
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR/CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
CSR0402
1/8S
0.125W
200V
±200 ppm/ºC
0.051 - 1
0.051 - 1
CSR0603
1/8
0.125W
200V
±300 ppm/ºC
0.02 - 1
0.02 - 1
CSR0805
1/4
0.25W
200V
±200 ppm/ºC
0.02 - 1
0.02 - 1
CSR1206
1/2
0.5W
200V
±100 ppm/ºC (1)
0.01 - 1
0.01 - 1
±600 ppm/ºC
0.01 - 0.02
0.01 - 0.02
±400 ppm/ºC
0.021 - 0.05
0.021 - 0.05
±300 ppm/ºC
0.051 - 0.099
0.051 - 0.099
±200 ppm/ºC
0.1 - 1
0.1 - 1
±300 ppm/ºC
0.01 - 0.019
0.01 - 0.019
±150 ppm/ºC
0.02 - 0.5
0.02 - 0.5
±300 ppm/ºC
0.001 - 0.004
±200 ppm/ºC
0.005 - 0.01
0.005 - 0.01
±150 ppm/ºC
0.011 - 0.35
0.011 - 0.35
CSR2010
1
1W
200V
±100 ppm/ºC (1)
0.01 - 1
0.01 - 1
CSRN2010
1
1W
200V
±250 ppm/ºC
0.01 - 1
0.01 - 1
CSR2512
2
2W
200V
±200 ppm/ºC
0.01 - 1
0.01 - 1
CSRN2512
2
2W
200V
±200 ppm/ºC
0.01 - 1
0.01 - 1
±200 ppm/ºc
0.003 - 0.02
0.003 - 0.02
±100 ppm/ºC
0.021 - 8
0.021 - 8
2%, 5%
Ohmic Range ( ) and Tolerance
-
CSR1210
-
0.5W
200V
200V
CSRN0815
3
3W
200V
1%
1S
1W
200V
(1) Contact Factory for TCR below 50mOhm
Resistance
Temperature
Coefficient
Power Rating
(Watts) @ 70ºC
Type / Code
Old Pkg
Code
Dielectric
Withstanding
Voltage
CSR0830
-
2W
CSR1225
Features:
Please refer to the High Power Resistor Application Note (page 6) for more information on designing and implementing
high power resistor types.
•
0402 to 2512 & 1225 sizes available
•
Power ratings to 3W
•
Low inductance – less than 0.2nH typically
•
RoHS compliant
•
Non-standard resistance values available
•
2010 and 2512 sizes available with narrow terminations (CSRN)
Electrical Specifications


Similar Part No. - CSR0402

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSR0402 SEI-CSR0402 Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
CSR0402FK1R00-HP SEI-CSR0402FK1R00-HP Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
CSR0402FK51L0-HP SEI-CSR0402FK51L0-HP Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
CSR0402FKR350-HP SEI-CSR0402FKR350-HP Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
CSR0402FT1R00-HP SEI-CSR0402FT1R00-HP Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
More results

Similar Description - CSR0402

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73L1 CTS-73L1 Datasheet
187Kb / 4P
Thick Film Current Sensing Resistors
logo
KOA Speer Electronics, ...
SG731JT KOA-SG731JT Datasheet
92Kb / 2P
surge current thick film chip resistor
SG732ATTD200K KOA-SG732ATTD200K Datasheet
252Kb / 2P
surge current thick film chip resistor
logo
List of Unclassifed Man...
RS02 ETC-RS02 Datasheet
1Mb / 3P
CURRENT SENSING THICK FILM CHIP RESISTROS
logo
CTS Corporation
008-0337-0 CTS-008-0337-0 Datasheet
189Kb / 4P
Current Sensing Resistors ??Thick Film
logo
Stackpole Electronics, ...
CSRT SEI-CSRT Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
CSR SEI-CSR Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
logo
Eaton All Rights Reserv...
MFHA EATON-MFHA Datasheet
599Kb / 6P
SMD current sensing resistor-metal film
June 2022
MFL EATON-MFL Datasheet
613Kb / 9P
SMD current sensing resistor- metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
SMD current sensing resistor- metal film
June 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com