Electronic Components Datasheet Search
  English  ▼

X  

CS82C55AZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # CS82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C55AZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button CS82C55AZ Datasheet HTML 10Page - Intersil Corporation CS82C55AZ Datasheet HTML 11Page - Intersil Corporation CS82C55AZ Datasheet HTML 12Page - Intersil Corporation CS82C55AZ Datasheet HTML 13Page - Intersil Corporation CS82C55AZ Datasheet HTML 14Page - Intersil Corporation CS82C55AZ Datasheet HTML 15Page - Intersil Corporation CS82C55AZ Datasheet HTML 16Page - Intersil Corporation CS82C55AZ Datasheet HTML 17Page - Intersil Corporation CS82C55AZ Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
FN2969.10
November 16, 2006
Special Mode Combination Considerations
There are several combinations of modes possible. For any
combination, some or all of Port C lines are used for control
or status. The remaining bits are either inputs or outputs as
defined by a “Set Mode” command.
During a read of Port C, the state of all the Port C lines,
except the ACK and STB lines, will be placed on the data
bus. In place of the ACK and STB line states, flag status will
appear on the data bus in the PC2, PC4, and PC6 bit
positions as illustrated by Figure 17.
Through a “Write Port C” command, only the Port C pins
programmed as outputs in a Mode 0 group can be written.
No other pins can be affected by a “Write Port C” command,
nor can the interrupt enable flags be accessed. To write to
any Port C output programmed as an output in Mode 1
group or to change an interrupt enable flag, the “Set/Reset
Port C Bit” command must be used.
With a “Set/Reset Port C Bit” command, any Port C line
programmed as an output (including IBF and OBF) can be
written, or an interrupt enable flag can be either set or reset.
Port C lines programmed as inputs, including ACK and STB
lines, associated with Port C are not affected by a “Set/Reset
Port C Bit” command. Writing to the corresponding Port C bit
positions of the ACK and STB lines with the “Set Reset Port
C Bit” command will affect the Group A and Group B
interrupt enable flags, as illustrated in Figure 17.
Current Drive Capability
Any output on Port A, B or C can sink or source 2.5mA. This
feature allows the 82C55A to directly drive Darlington type
drivers and high-voltage displays that require such sink or
source current.
Reading Port C Status (Figures 15 and 16)
In Mode 0, Port C transfers data to or from the peripheral
device. When the 82C55A is programmed to function in
MODE DEFINITION SUMMARY
MODE 0
MODE 1
MODE 2
IN
OUT
IN
OUT
GROUP A ONLY
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
In
In
In
In
In
In
In
In
Out
Out
Out
Out
Out
Out
Out
Out
In
In
In
In
In
In
In
In
Out
Out
Out
Out
Out
Out
Out
Out
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
In
In
In
In
In
In
In
In
Out
Out
Out
Out
Out
Out
Out
Out
In
In
In
In
In
In
In
In
Out
Out
Out
Out
Out
Out
Out
Out
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
In
In
In
In
In
In
In
In
Out
Out
Out
Out
Out
Out
Out
Out
INTRB
IBFB
STBB
INTRA
STBA
IBFA
I/O
I/O
INTRB
OBFB
ACKB
INTRA
I/O
I/O
ACKA
OBFA
I/O
I/O
I/O
INTRA
STBA
IBFA
ACKA
OBFA
Mode 0
or Mode 1
Only
INPUT CONFIGURATION
D7
D6
D5
D4
D3
D2
D1
D0
I/O
I/O
IBFA
INTEA INTRA INTEB
IBFB
INTRB
OUTPUT CONFIGURATION
D7
D6
D5
D4
D3
D2
D1
D0
OBFA INTEA
I/O
I/O
INTRA INTEB
OBFB INTRB
FIGURE 15. MODE 1 STATUS WORD FORMAT
D7
D6
D5
D4
D3
D2
D1
D0
OBFA
INTE1
IBFA
INTE2 INTRA
X
X
X
(Defined by Mode 0 or Mode 1 Selection)
FIGURE 16. MODE 2 STATUS WORD FORMAT
GROUP A
GROUP B
GROUP A
GROUP B
GROUP A
GROUP B
82C55A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com