Electronic Components Datasheet Search
  English  ▼

X  

BD9483F Datasheet(PDF) 21 Page - Rohm

Part # BD9483F
Description  White LED Driver for large LCD Panels (DCDC Converter type)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9483F Datasheet(HTML) 21 Page - Rohm

Back Button BD9483F Datasheet HTML 17Page - Rohm BD9483F Datasheet HTML 18Page - Rohm BD9483F Datasheet HTML 19Page - Rohm BD9483F Datasheet HTML 20Page - Rohm BD9483F Datasheet HTML 21Page - Rohm BD9483F Datasheet HTML 22Page - Rohm BD9483F Datasheet HTML 23Page - Rohm BD9483F Datasheet HTML 24Page - Rohm BD9483F Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Datasheet
Datasheet
21/29
TSZ02201-0F1F0C100100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.Nov.2013 Rev.003
www.rohm.com
TSZ22111・15・001
BD9483F,FV
●3.7.2 starting up 2 (PWM signal inputs and STB succeeds)
VCC
STB
GATEx
REG90
SS
4.0V
SS
SS
STANDBY
(*1) (*2)
(*3)
(*4)
(*5)
NORMAL
FAILB
PWM1
orPWM2
0.4V
0.4V
7.0V
6.5V
H
OFF
(*1)…REG90 starts up when STB=H.
(*2)…When REG90 is more than 6.5V, the reset signal is released. In the first PWM=H the soft-start begins the changing
immediately. The GATEx pulse outputs only during the corresponding PWMx=H. And as the SS is less than 0.4V(typ), the
pulse does not output. The pin SS continues charging in spite of the assertion of PWM or OVP level.
(*3)…The soft start interval will end if the voltage of the pin SS, Vss reaches to 4.0V. By this time, BD9483F,FV boost Vout to the
point where the set LED current flows. It is started to monitor the abnormal detection of FBMAX.
(*4)…As STB=L, instantaneously the boost operation is stopped. (GATE=L, SS=L)
(*5)…As STB=H again, it is the same operation as the timing of (*1).
Figure 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com