Electronic Components Datasheet Search
  English  ▼

X  

M23 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M23
Description  M Series Standard Size Slide Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M23 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M23 Datasheet HTML 1Page - List of Unclassifed Manufacturers M23 Datasheet HTML 2Page - List of Unclassifed Manufacturers M23 Datasheet HTML 3Page - List of Unclassifed Manufacturers M23 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
O
O43
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
M Series
Standard Size Slide Switches
1P2T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
1P3T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
1P3T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
MODEL NO.
M12R
MODEL NO.
M13R
MODEL NO.
M13AR
SPECIFICATIONS
Contact rating: 300 mA at 125 VAC or 30 VDC
Initial contact resistance: 20 milliohms max.
Insulation resistance: 100 megohms min. at 500 VDC
Dielectric strength: 500 volts RMS at sea level
Electrical life: 10,000 cycles min.
Operating temperature range: -10°C to +60°C
Solder heat resistance: 260°C max. for 3 seconds
Solvent washing permissible
MATERIALS
Contacts & terminals: Silver plated
Housing: Tin plated steel
Actuator: Thermoplastic
Base: Phenolic laminated sheet
Terminal seal: Epoxy
FEATURES
Bifurcated wiping contact design.
Epoxy sealed terminals.
Wash-through open frame construction.
Reinforcing mounting legs.
Many actuator styles and lengths available on request.
RIGHT ANGLE ACTUATOR
RIGHT ANGLE ACTUATOR
RIGHT ANGLE ACTUATOR
.157 (4.00) TRAVEL/THROW
.079 (2.00) TRAVEL/THROW
.079 (2.00) TRAVEL/THROW


Similar Part No. - M23

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
M23 BULGINLIMITED-M23 Datasheet
862Kb / 3P
M23 Series
logo
HARTING Technology Grou...
M23-CIRCULAR HARTING-M23-CIRCULAR Datasheet
1Mb / 14P
M23 Circular Connectors Selection Guide
logo
Molex Electronics Ltd.
M23-SIG-CRIMP MOLEX-M23-SIG-CRIMP Datasheet
68Kb / 1P
M23-SIG-CRIMP TOOL
3/19/2010
logo
PETERMANN-TECHNIK
M2300 PETERMANN-M2300 Datasheet
131Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2302 PETERMANN-M2302 Datasheet
131Kb / 2P
HIGH RELIABILITY FOR LOW COST
More results

Similar Description - M23

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
GREATECS
SB5 GREATECS-SB5 Datasheet
964Kb / 2P
Standard Slide Switches
logo
Tyco Electronics
1359158 MACOM-1359158 Datasheet
148Kb / 1P
Slide Switches, Micro Size, Instrumentation Grade
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
List of Unclassifed Man...
PM13B022 ETC2-PM13B022 Datasheet
92Kb / 1P
Standard Size Slide Switches
PM13B012 ETC2-PM13B012 Datasheet
92Kb / 1P
Standard Size Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
logo
List of Unclassifed Man...
PM13B012 ETC-PM13B012 Datasheet
92Kb / 1P
Standard Size Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com