Electronic Components Datasheet Search
  English  ▼

X  

MAX987ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX987ESA
Description  High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX987ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX987ESA Datasheet HTML 3Page - Maxim Integrated Products MAX987ESA Datasheet HTML 4Page - Maxim Integrated Products MAX987ESA Datasheet HTML 5Page - Maxim Integrated Products MAX987ESA Datasheet HTML 6Page - Maxim Integrated Products MAX987ESA Datasheet HTML 7Page - Maxim Integrated Products MAX987ESA Datasheet HTML 8Page - Maxim Integrated Products MAX987ESA Datasheet HTML 9Page - Maxim Integrated Products MAX987ESA Datasheet HTML 10Page - Maxim Integrated Products MAX987ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
N.C.
—
—
—
1, 5, 8
No Connection. Not internally connected.
IND-
OUTD
IND+
INC+
13
14
12
10
—
—
—
—
OUTC
INC-
OUTB
—
INA-
INB+
INB-
INA+
OUTA
VCC
IN-
VEE
IN+
—
OUT
Comparator D Inverting Input
8
9
7
—
2
5
6
3
1
4
—
11
—
—
—
Comparator D Output
—
—
7
—
2
5
6
3
1
8
—
4
—
—
—
Comparator D Noninverting Input
—
—
Comparator C Output
—
—
Comparator C Inverting Input
—
—
Comparator B Output
—
—
Comparator C Noninverting Input
—
—
Comparator A Inverting Input
—
—
Comparator B Noninverting Input
—
—
Comparator B Inverting Input
—
—
Comparator A Noninverting Input
—
—
Comparator A Output
2
7
Positive Supply Voltage
4
2
Comparator Inverting Input
5
4
Negative Supply Voltage
3
3
Comparator Noninverting Input
1
6
Comparator Output
SO/
TSSOP
MAX995
MAX996
MAX991
MAX996
SO/µMAX/
SOT23
MAX987
MAX988
SOT23/
SC70
SO
PIN
NAME
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com