Electronic Components Datasheet Search
  English  ▼

X  

IG10009D Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # IG10009D
Description  IG120 SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IG10009D Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  IG10009D Datasheet HTML 1Page - MicroPower Direct, LLC IG10009D Datasheet HTML 2Page - MicroPower Direct, LLC IG10009D Datasheet HTML 3Page - MicroPower Direct, LLC IG10009D Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input (Supply)
Output 1
Output 2
Load
Regulation
(%)
Maximum
Capacitive
Load
(µF)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Voltage (VDC)
Current
(mA Max)
Current
(mA, Min)
Voltage (VDC)
Current
(mA Max)
Current
(mA, Min)
Nom.
Range
Min. Nom. Max.
Min. Nom. Max.
Min.
Max.
IG100-09
15
14.5 - 15.5
8.0
9.0
10.0
111.0
0.0
8.3
15
220
200
IG100-09D
15
14.5 - 15.5
8.0
9.0
10.0
55.0
0.0
-8.0
-9.0 -10.0
55.0
0.0
8.3
15
220
200
IG120-12
12
11.6 - 12.4 14.0 15.0 16.0
80.0
0.0
-7.0
-8.7 -10.0
40.0
0.0
6.3
15
220
400
IG120-12W
12
9.0 - 15.0
14.0 15.0 16.0
100.0
0.0
-7.0
-8.0
-9.0
80.0
0.0
6.3
15
220
500
IG120-15
15
14.5 - 15.5 14.0 15.0 16.0
80.0
0.0
-7.0
-8.7 -10.0
40.0
0.0
6.3
15
220
300
IG136-15
15
14.5 - 15.5 16.5 17.0 18.0
80.0
0.0
-7.0
-8.7 -10.0
40.0
0.0
6.3
15
220
400
IG120-24
24
23.3 - 24.7 14.0 15.0 16.0
80.0
0.0
-7.0
-8.7 -10.0
40.0
0.0
6.3
15
220
200
Notes:
1. Load regulation is measured from 10% load to full load. Load regulation is specified
for the primary output (output 1). The load regulation of output 2 may vary slightly.
The typical load regulation for IG100-9 and IG100-9D is 8.3%.
2. Operation at no-load will not damage these units. However, they may not meet all
specifications.
3. If output 2 is not used, it should be left open.
4. It is recommended that a fuse be used on the input of a power supply for protection.
See the Model Selection table above for the correct rating.
The IG100 series is designed to
operate with the IGD962 IGBT driver.
Contact the factory for more information
Model Selection Guide
www.micropowerdirect.com
www.micropowerdirect.com
Efficiency vs Output Load 15 VDC Input
Efficiency vs Input Voltage 15 VDC Input
Efficiency vs Input Voltage 24 VDC Input
Efficiency vs Output Load 24 VDC Input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com