Electronic Components Datasheet Search
  English  ▼

X  

LDF24E Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LDF24E
Description  LDF24E-XX-XXX SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDF24E Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LDF24E Datasheet HTML 1Page - MicroPower Direct, LLC LDF24E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Miniature, SMT
Constant Current Output
DC/DC LED Drivers
Key Features:
• 300 - 700 mA Output Current
• Constant Current Output
• Miniature SMTCase
• PWM & Analog Dimming
• Wide 5.5V to 48V Input Range
• Efficiency to 96%
• 2.0 MHrs MTBF
• Low, Low Cost!
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5.5
24.0
48.0
VDC
Max Input Voltage
See Note 1
55.0
VDC
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Current Accuracy
Vin = 24V
±2.0
±3.0
%
Output Current Stability
Vin = 48V
±1.0
%
Output Capacitive Load
1,000
µF
Ripple & Noise
120
mV P-P
Temperature Coefficient
±0.015
%/ºC
Output Short Circuit
Continuous
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range, Ambient
300 mA, 350 mA Output Models
-40
+25
+85
º
C
All Other Models
-40
+25
+71
Operating Temperature Range, Case
Case
+100
º
C
Storage Temperature Range
-55
+125
º
C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Physical
Case Size
0.94 x 0.54 x 0.295 Inches (23.86 x 13.70 x 7.50 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.212 Oz (6.0g)
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Units
DC/DC On
Open Or 2.8 VDC < 6.0 VDC
DC/DC Off
<0.6 VDC
Remote Pin Drive Current
Vcont = 5.0 VDC
1
mA
Quiescent Input Current (Shutdown Mode)
Vin = 24V, Vcont = <0.6 VDC
400
µA
PWM Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation Frequency
0.2
10
kHz
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
S
LDF24E-xx-xxx
Connection Notes:
1. Input filter components (C1, L1 & C2) are
used to help meet the conducted emissions
requirements (EN 55022 B) for the unit.
Recommended values are:
C2 - 2.2 µF
L1 - 1.25 mH
C3 - 1.0 µF
Other components added to the circuit
include an input storage capacitor to help
prevent problems due to input line sags and
an output capacitor to improve performance.
Recommended values are:
C1 - 470 µF
C4 - 1.0 µF
2. To comply with EN61000-4-5, a TVS should
be installed before the input filter compo-
nents. A SMCG51 is recommended.
2
Typical Connection: AC Input
Typical Connection: DC Input


Similar Part No. - LDF24E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
300 - 700 mA Output Current
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
Miniature, SMT Constant Current Output DC/DC LED Drivers
LDF24E-12-350 MPD-LDF24E-12-350 Datasheet
341Kb / 2P
300 - 700 mA Output Current
LDF24E-12-350 MPD-LDF24E-12-350 Datasheet
341Kb / 2P
Miniature, SMT Constant Current Output DC/DC LED Drivers
LDF24E-18-500 MPD-LDF24E-18-500 Datasheet
341Kb / 2P
300 - 700 mA Output Current
More results

Similar Description - LDF24E

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
CL200-XXX-120D LEDTRONICS-CL200-XXX-120D Datasheet
56Kb / 1P
CL200-XXX-120D
logo
MicroPower Direct, LLC
LDB24 MPD-LDB24 Datasheet
325Kb / 2P
LDB24-XXX
LDM12 MPD-LDM12 Datasheet
590Kb / 2P
LDM12-xx-xxx
LDM24 MPD-LDM24 Datasheet
607Kb / 4P
LDM24-xx-xxx
SRS-05A MPD-SRS-05A Datasheet
589Kb / 4P
SRS05A-xx SERIES
logo
Marl International Limi...
LMC MARL-LMC Datasheet
160Kb / 1P
LMC XXX CTP
LMC MARL-LMC_15 Datasheet
160Kb / 1P
LMC XXX CTP
logo
Samtec, Inc
BTH-030-01-L-D-A SAMTEC-BTH-030-01-L-D-A Datasheet
127Kb / 2P
RECOMMENDED PCB LAYOUT FOR BTH-XXX-XX-X-D-XX
logo
JFW Industries, Inc.
50FHXC-XXX-50 JFW-50FHXC-XXX-50 Datasheet
27Kb / 1P
50FHXC-XXX-50
logo
Samtec, Inc
FTSH-1XX-XX-XXX-DH-XX SAMTEC-FTSH-1XX-XX-XXX-DH-XX Datasheet
85Kb / 2P
RECOMMENDED PCB LAYOUT FOR FTSH-1XX-XX-XXX-DH-XX
REVISION G
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com