Electronic Components Datasheet Search
  English  ▼

X  

T2500BFP Datasheet(PDF) 2 Page - Motorola, Inc

Part # T2500BFP
Description  ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

T2500BFP Datasheet(HTML) 2 Page - Motorola, Inc

  T2500BFP Datasheet HTML 1Page - Motorola, Inc T2500BFP Datasheet HTML 2Page - Motorola, Inc T2500BFP Datasheet HTML 3Page - Motorola, Inc T2500BFP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T2500FP Series
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Off-State Current (Either Direction)
(VD = Rated VDRM, TJ = 100°C, Gate Open)
IDRM
—
—
2
mA
Maximum On-State Voltage (Either Direction)*
(IT = 30 A Peak)
VTM
—
—
2
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 12 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
IGT
—
—
—
—
10
20
15
30
25
60
25
60
mA
Gate Trigger Voltage (Continuous dc) (All Quadrants)
(VD = 12 Vdc, RL = 12 Ohms)
(VD = VDROM, RL = 125 Ohms, TC = 100°C, All Trigger Models)
VGT
—
0.2
1.25
—
2.5
—
Volts
Holding Current (Either Direction)
(Main Terminal Voltage = 12 Vdc, Gate Open,
Initiating Current = 150 mA, TC = 25°C)
IH
—
15
30
mA
Gate Controlled Turn-On Time
(VD = Rated VDRM, IT = 10 A,
IGT = 160 mA, Rise Time p 0.1 µs)
tgt
—
1.6
—
µs
Critical Rate-of-Rise of Commutation Voltage
(VD = Rated VDRM, IT(RMS) = 6 A,
Commutating di/dt = 3.2 A/ms,
Gate Unenergized, TC = 80°C)
dv/dt(c)
—
10
—
V/
µs
Critical Rate-of-Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Voltage Rise,
Gate Open, TC = 100°C)
dv/dt
—
100
—
V/
µs
*Pulse Test: Pulse Width
p 300 µs, Duty Cycle p 2%.
Electrical Characteristics of Recommended
Bidirectional Switches
Usage
General
Part Number
MBS4991
MBS4992
VS
6 – 10 V
7.5 – 9 V
IS
350
µA Max
120
µA Max
VS1 – VS2
0.5 V Max
0.2 V Max
Temperature
Coefficient
0.02%/
°C Typ
Trigger devices are recommended
for gating on Triacs. They provide:
1. Consistent predictable turn-on
points.
2. Simplified circuitry.
3. Fast turn-on time for cooler,
more efficient and reliable
operation.
Quadrant Definitions
Quadrant II
Quadrant I
Quadrant III
Quadrant IV
MT2(+)
MT2(–)
MT2(+), G(–)
MT2(+), G(+)
MT2(–), G(–)
MT2(–), G(+)
G(–)
G(+)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com