Electronic Components Datasheet Search
  English  ▼

X  

MAX232ESE Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAX232ESE
Description  MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232ESE Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAX232ESE Datasheet HTML 30Page - Maxim Integrated Products MAX232ESE Datasheet HTML 31Page - Maxim Integrated Products MAX232ESE Datasheet HTML 32Page - Maxim Integrated Products MAX232ESE Datasheet HTML 33Page - Maxim Integrated Products MAX232ESE Datasheet HTML 34Page - Maxim Integrated Products MAX232ESE Datasheet HTML 35Page - Maxim Integrated Products MAX232ESE Datasheet HTML 36Page - Maxim Integrated Products MAX232ESE Datasheet HTML 37Page - Maxim Integrated Products MAX232ESE Datasheet HTML 38Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to
the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
14 PDIP
P14+3
21-0043
—
16 PDIP
P16+1
16 PDIP
P16+2
16 PDIP
P16+3
18 PDIP
P18+5
20 PDIP
P20+3
20 PDIP
P20M+1
24 PDIP
N24+3
24 PDIP
P24M+1
21-0044
28 PDIP
P28+2
40 PDIP
P40+1
40 PDIP
P40M+2
14 CERDIP
J14-3
21-0045
16 CERDIP
J16-3
18 CERDIP
J18-2
20 CERDIP
J20-2
24 CERDIP
R24-4
16 SO(N)
S16+3
21-0041
90-0097
16 SO(N)
S16+5
16 SO(W)
W16+1
21-0042
90-0107
16 SO(W)
W16+2
16 SO(W)
W16+3
18 SO(W)
W18+1
90-0181
20 SO(W)
W20+3
90-0108
20 SO(W)
W20M+1
24 SO(W)
W24+2
90-0182
28 SO(W)
W28+1
90-0109
28 SO(W)
W28+2
28 SO(W)
W28M+1
20 LCC
L20+3
21-0658
90-0177
20 SSOP
A20+1
21-0056
90-0094
24 SSOP
A24+2
90-0110
28 SSOP
A28+1
90-0095
16 TSSOP
U16+1
90-0117
16 FPCK
F16-3
21-0013
—
44 MQFP
M44+5
21-0826
90-0169
44 PLCC
Q44+1
21-0049
90-0236
44 PLCC
Q44+2
Maxim Integrated
37
MAX220–MAX249
MAX220–MAX249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com