Electronic Components Datasheet Search
  English  ▼

X  

MAX232 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX232
Description  MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX232 Datasheet HTML 30Page - Maxim Integrated Products MAX232 Datasheet HTML 31Page - Maxim Integrated Products MAX232 Datasheet HTML 32Page - Maxim Integrated Products MAX232 Datasheet HTML 33Page - Maxim Integrated Products MAX232 Datasheet HTML 34Page - Maxim Integrated Products MAX232 Datasheet HTML 35Page - Maxim Integrated Products MAX232 Datasheet HTML 36Page - Maxim Integrated Products MAX232 Datasheet HTML 37Page - Maxim Integrated Products MAX232 Datasheet HTML 38Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
___________________________________________Ordering Information (continued)
PART
MAX222CPN+
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
PART
TEMP RANGE
PIN-PACKAGE
18 Plastic DIP
MAX222CWN+
0°C to +70°C
18 Wide SO
MAX222C/D
0°C to +70°C
Dice*
MAX222EPN+
-40°C to +85°C
18 Plastic DIP
MAX222EWN+
-40°C to +85°C
18 Wide SO
MAX222EJN
-40°C to +85°C
18 CERDIP
MAX222MJN
-55°C to +125°C
18 CERDIP
MAX223CAI+
0°C to +70°C
28 SSOP
MAX223CWI+
0°C to +70°C
28 Wide SO
MAX223C/D
0°C to +70°C
Dice*
MAX223EAI+
-40°C to +85°C
28 SSOP
MAX223EWI+
-40°C to +85°C
28 Wide SO
MAX225CWI+
0°C to +70°C
28 Wide SO
MAX225EWI+
-40°C to +85°C
28 Wide SO
MAX230CPP+
0°C to +70°C
20 Plastic DIP
MAX230CWP+
0°C to +70°C
20 Wide SO
MAX230C/D
0°C to +70°C
Dice*
MAX230EPP+
-40°C to +85°C
20 Plastic DIP
MAX230EWP+
-40°C to +85°C
20 Wide SO
MAX230EJP
-40°C to +85°C
20 CERDIP
MAX230MJP
-55°C to +125°C
20 CERDIP
MAX231CPD+
0°C to +70°C
14 Plastic DIP
MAX231CWE+
0°C to +70°C
16 Wide SO
MAX231CJD
0°C to +70°C
14 CERDIP
MAX231C/D
0°C to +70°C
Dice*
MAX231EPD+
-40°C to +85°C
14 Plastic DIP
MAX231EWE+
-40°C to +85°C
16 Wide SO
MAX231EJD
-40°C to +85°C
14 CERDIP
MAX231MJD
-55°C to +125°C
14 CERDIP
MAX232CPE+
0°C to +70°C
16 Plastic DIP
MAX232CSE+
0°C to +70°C
16 Narrow SO
MAX232CWE+
0°C to +70°C
16 Wide SO
MAX232C/D
0°C to +70°C
Dice*
MAX232EPE+
-40°C to +85°C
16 Plastic DIP
MAX232ESE+
-40°C to +85°C
16 Narrow SO
MAX232EWE+
-40°C to +85°C
16 Wide SO
MAX232EJE
-40°C to +85°C
16 CERDIP
MAX232MJE
-55°C to +125°C
16 CERDIP
MAX232MLP+
-55°C to +125°C
20 LCC
MAX232ACPE+
0°C to +70°C
16 Plastic DIP
MAX232ACSE+
0°C to +70°C
16 Narrow SO
MAX232ACWE+
0°C to +70°C
16 Wide SO
MAX232AC/D
MAX232AEPE+
-40°C to +85°C
16 Plastic DIP
MAX232AESE+
0°C to +70°C
Dice*
-40°C to +85°C
16 Narrow SO
MAX232AEWE+
-40°C to +85°C
16 Wide SO
MAX232AEJE
-40°C to +85°C
16 CERDIP
MAX232AMJE
-55°C to +125°C
16 CERDIP
MAX232AMLP+
-55°C to +125°C
20 LCC
MAX233CPP+
0°C to +70°C
20 Plastic DIP
MAX233EPP+
-40°C to +85°C
20 Plastic DIP
MAX233ACPP+
0°C to +70°C
20 Plastic DIP
MAX233ACWP+
0°C to +70°C
20 Wide SO
MAX233AEPP+
-40°C to +85°C
20 Plastic DIP
MAX233AEWP+
-40°C to +85°C
20 Wide SO
MAX234CPE+
0°C to +70°C
16 Plastic DIP
MAX234CWE+
0°C to +70°C
16 Wide SO
MAX234C/D
0°C to +70°C
Dice*
MAX234EPE+
-40°C to +85°C
16 Plastic DIP
MAX234EWE+
-40°C to +85°C
16 Wide SO
MAX234EJE
-40°C to +85°C
16 CERDIP
MAX234MJE
-55°C to +125°C
16 CERDIP
MAX235CPG+
0°C to +70°C
24 Wide Plastic DIP
MAX235EPG+
-40°C to +85°C
24 Wide Plastic DIP
MAX235EDG
-40°C to +85°C
24 Ceramic SB
MAX235MDG
-55°C to +125°C
24 Ceramic SB
MAX236CNG+
0°C to +70°C
24 Narrow Plastic DIP
MAX236CWG+
0°C to +70°C
24 Wide SO
MAX236C/D
0°C to +70°C
Dice*
MAX236ENG+
-40°C to +85°C
24 Narrow Plastic DIP
MAX236EWG+
-40°C to +85°C
24 Wide SO
MAX236ERG
-40°C to +85°C
24 Narrow CERDIP
MAX236MRG
-55°C to +125°C
24 Narrow CERDIP
MAX237CNG+
0°C to +70°C
24 Narrow Plastic DIP
MAX237CWG+
0°C to +70°C
24 Wide SO
MAX237C/D
0°C to +70°C
Dice*
MAX237ENG+
-40°C to +85°C
24 Narrow Plastic DIP
MAX237EWG+
-40°C to +85°C
24 Wide SO
MAX237ERG
-40°C to +85°C
24 Narrow CERDIP
MAX237MRG
-55°C to +125°C
24 Narrow CERDIP
MAX238CNG+
0°C to +70°C
24 Narrow Plastic DIP
MAX238CWG+
0°C to +70°C
24 Wide SO
MAX238C/D
0°C to +70°C
Dice*
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
Contact factory for dice specifications.
Maxim Integrated
35
MAX220–MAX249
MAX220–MAX249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com