Electronic Components Datasheet Search
  English  ▼

X  

BCV47 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BCV47
Description  NPN SILICON DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCV47 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCV47 Datasheet HTML 1Page - Central Semiconductor Corp BCV47 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCV47
SURFACE MOUNT SILICON
NPN DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCV47 is a silicon
NPN Darlington transistor manufactured by the epitaxial
planar process, epoxy molded in a surface mount package,
designed for applications requiring extremely high gain.
MARKING CODE: FG
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Peak Collector Current
ICM
800
mA
Continuous Base Current
IB
100
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=30V
100
nA
IEBO
VBE=10V
100
nA
BVCEO
IC=10mA
60
V
BVCBO
IC=10μA
80
V
BVEBO
IE=100nA
10
V
VCE(SAT)
IC=100mA, IB=0.1mA
1.0
V
VBE(SAT)
IC=100mA, IB=0.1mA
1.5
V
hFE
VCE=5.0V, IC=1.0mA
2,000
hFE
VCE=5.0V, IC=10mA
4,000
hFE
VCE=5.0V, IC=100mA
10,000
fT
VCE=5.0V, IC=30mA, f=100MHz
220
MHz
SOT-23 CASE
R3 (23-April 2015)
www.centr a lsemi.com


Similar Part No. - BCV47

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV47 PHILIPS-BCV47 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV47 SIEMENS-BCV47 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCV47 INFINEON-BCV47 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
logo
Diotec Semiconductor
BCV47 DIOTEC-BCV47 Datasheet
172Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCV47

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
NPN Silicon Darlington Transistor
logo
Micro Electronics
MPSA12 MICRO-ELECTRONICS-MPSA12 Datasheet
70Kb / 1P
NPN SILICON DARLINGTON TRANSISTOR
logo
NEC
2SD1692 NEC-2SD1692 Datasheet
145Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
2SD1693 NEC-2SD1693 Datasheet
151Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1 ONSEMI-MMBT6427LT1_06 Datasheet
71Kb / 6P
Darlington Transistor NPN Silicon
February, 2006 ??Rev. 2
logo
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
SILICON DARLINGTON NPN TRANSISTOR
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
logo
First Silicon Co., Ltd
MJD122 FS-MJD122 Datasheet
457Kb / 2P
NPN Silicon Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com