Electronic Components Datasheet Search
  English  ▼

X  

2SC6011 Datasheet(PDF) 4 Page - Sanken electric

Part # 2SC6011
Description  Audio Amplification Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC6011 Datasheet(HTML) 4 Page - Sanken electric

  2SC6011 Datasheet HTML 1Page - Sanken electric 2SC6011 Datasheet HTML 2Page - Sanken electric 2SC6011 Datasheet HTML 3Page - Sanken electric 2SC6011 Datasheet HTML 4Page - Sanken electric 2SC6011 Datasheet HTML 5Page - Sanken electric 2SC6011 Datasheet HTML 6Page - Sanken electric 2SC6011 Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SANKEN ELECTRIC CO., LTD.
38102, Rev. 1
Audio Amplification Transistor
2SC6011
1
10
100
1000
DC
0.1
0.01
1.0
10.0
100.0
VCE (V)
Safe Operating Area
TA= 25°C, single pulse, no heatsink, natural cooling
0.01
0.1
1
10
100
10
20
30
40
0
fT vs. IE
VCE = 12 V Continuous
IE (A)
Typ.
PC vs. TA
0
50
100
150
200
0
25
50
75
100
125
150
TA (°C)
Without Heatsink
Wi
thInfinite
Hea
tsin
k
3.5
Performance Characteristics, continued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com