Electronic Components Datasheet Search
  English  ▼

X  

BCX53 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BCX53
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCX53 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCX53 Datasheet HTML 1Page - Central Semiconductor Corp BCX53 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25°C)
BCX51
BCX52
BCX53
UNITS
Collector-Base Voltage
VCBO
45
60
100
V
Collector-Emitter Voltage
VCEO
45
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
1.0
A
Peak Collector Current
ICM
1.5
A
Base Current
IB
100
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
1.2
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
104
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=30V
100
nA
ICBO
VCB=30V, TA=125°C
10
µA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=100µA (BCX51)
45
V
BVCBO
IC=100µA (BCX52)
60
V
BVCBO
IC=100µA (BCX53)
100
V
BVCEO
IC=10mA (BCX51)
45
V
BVCEO
IC=10mA (BCX52)
60
V
BVCEO
IC=10mA (BCX53)
80
V
VCE(SAT)
IC=500mA, IB=50mA
0.5
V
VBE(ON)
VCE=2.0V, IB=500mA
1.0
V
hFE
VCE=2.0V, IC=5.0mA
63
hFE
VCE=2.0V, IC=150mA
63
250
hFE
VCE=2.0V, IC=150mA
(BCX51-10, BCX52-10, BCX53-10)
63
160
hFE
VCE=2.0V, IC=150mA
(BCX51-16, BCX52-16, BCX53-16)
100
250
hFE
VCE=2.0V, IC=500mA
40
fT
VCE=5.0V, IC=10mA, f=100MHz
50
MHz
BCX51
BCX52
BCX53
SURFACE MOUNT
PNP SILICON TRANSISTOR
SOT-89 CASE
Central
Semiconductor Corp.
TM
R1 ( 18-December 2001)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCX51,
BCX52, and BCX53 types are PNP Silicon
Transistors manufactured by the epitaxial planar
process, epoxy molded in a surface mount
package, designed for high current general
purpose amplifier applications.


Similar Part No. - BCX53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
PNP medium power transistors
1999 Apr 19
logo
Siemens Semiconductor G...
BCX53 SIEMENS-BCX53 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53 INFINEON-BCX53 Datasheet
141Kb / 5P
PNP Silicon AF Transistors
Feb-10-2004
logo
Zetex Semiconductors
BCX53 ZETEX-BCX53 Datasheet
28Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Guangdong Kexin Industr...
BCX53 KEXIN-BCX53 Datasheet
53Kb / 2P
PNP Medium Power Transistors
More results

Similar Description - BCX53

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com