Electronic Components Datasheet Search
  English  ▼

X  

BM6203FS Datasheet(PDF) 9 Page - Rohm

Part # BM6203FS
Description  3-Phase Brushless Fan Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6203FS Datasheet(HTML) 9 Page - Rohm

Back Button BM6203FS Datasheet HTML 5Page - Rohm BM6203FS Datasheet HTML 6Page - Rohm BM6203FS Datasheet HTML 7Page - Rohm BM6203FS Datasheet HTML 8Page - Rohm BM6203FS Datasheet HTML 9Page - Rohm BM6203FS Datasheet HTML 10Page - Rohm BM6203FS Datasheet HTML 11Page - Rohm BM6203FS Datasheet HTML 12Page - Rohm BM6203FS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/21
Datasheet
Datasheet
BM6203FS
TSZ02201-0828AB400110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Jul.2013 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Typical Performance Curves (Reference data)
40
60
80
100
120
140
12
14
16
18
20
Supply Voltage : VBX-VX [V]
125°C
25°C
-25°C
1.5
2.0
2.5
3.0
3.5
12
14
16
18
20
Supply Voltage : VCC [V]
125°C
25°C
-25°C
1.0
1.5
2.0
2.5
3.0
12
14
16
18
20
Supply Voltage : VCC [V]
125°C
25°C
-25°C
Figure 15. Low Side Drivers Operating Current
Figure 16. Quiescence Current
(FPWM: 20kHz, Two-Phase Switching)
(High Side Driver, Each Phase)
Figure 13. Quiscence Current
Figure 14. Low Side Drivers Operating Current
(Low Side Drivers)
(FPWM: 20kHz, One-Phase Switching)
0.5
1.0
1.5
2.0
2.5
12
14
16
18
20
Supply Voltage : VCC [V]
125°C
25°C
-25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com