Electronic Components Datasheet Search
  English  ▼

X  

DS3231 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS3231
Description  Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS3231 Datasheet HTML 12Page - Maxim Integrated Products DS3231 Datasheet HTML 13Page - Maxim Integrated Products DS3231 Datasheet HTML 14Page - Maxim Integrated Products DS3231 Datasheet HTML 15Page - Maxim Integrated Products DS3231 Datasheet HTML 16Page - Maxim Integrated Products DS3231 Datasheet HTML 17Page - Maxim Integrated Products DS3231 Datasheet HTML 18Page - Maxim Integrated Products DS3231 Datasheet HTML 19Page - Maxim Integrated Products DS3231 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
Maxim Integrated
19
DS3231
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
1/05
Initial release.
—
Changed Digital Temp Sensor Output from
±2°C to ±3°C.
1, 3
Updated Typical Operating Circuit.
1
Changed TA = -40°C to +85°C to TA = TMIN to TMAX.
2, 3, 4
1
2/05
Updated Block Diagram.
8
Added “UL Recognized” to Features; added lead-free packages and removed S from
top mark info in Ordering Information table; added ground connections to the N.C. pin
in the Typical Operating Circuit.
1
Added “noncondensing” to operating temperature range; changed VPF MIN from 2.35V
to 2.45V.
2
Added aging offset specification.
3
Relabeled TOC4.
7
Added arrow showing input on X1 in the Block Diagram.
8
Updated pin descriptions for VCC and VBAT.
9
Added the I2C Interface section.
10
Figure 1: Added sign bit to aging and temperature registers; added MSB and LSB.
11
Corrected title for rate select bits frequency table.
13
Added note that frequency stability over temperature spec is with aging offset register
= 00h; changed bit 7 from Data to Sign (Crystal Aging Offset Register).
14
Changed bit 7 from Data to Sign (Temperature Register); correct pin definitions in I2C
Serial Data Bus section.
15
2
6/05
Modified the Handing, PC Board Layout, and Assembly section to refer to
J-STD-020 for reflow profiles for lead-free and leaded packages.
17
3
11/05
Changed lead-free packages to RoHS-compliant packages.
1
Changed
RST and UL bullets in Features.
1
Changed EC condition “VCC > VBAT” to “VCC = Active Supply (see Table 1).”
2, 3
Modified Note 12 to correct tREC operation.
6
Added various conditions text to TOCs 1, 2, and 3.
7
Added text to pin descriptions for 32kHz, VCC, and
RST.
9
Table 1: Changed column heading “Powered By” to “Active Supply”; changed
“applied” to “exceeds VPF” in the Power Control section.
10
Indicated BBSQW applies to both SQW and interrupts; simplified temp convert
description (bit 5); added “output” to
INT/SQW (bit 2).
13
4
10/06
Changed the Crystal Aging section to the Aging Offset section; changed “this bit
indicates” to “this bit controls” for the enable 32kHz output bit.
14
Added Warning note to EC table notes; updated Note 12.
6
Updated the Typical Operating Characteristics graphs.
7
In the Power Control section, added information about the POR state of the time and
date registers; in the Real-Time Clock section, added to the description of the RST
function.
10
5
4/08
In Figure 1, corrected the months date range for 04h from 00–31 to 01–31.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com