Electronic Components Datasheet Search
  English  ▼

X  

06340 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 06340
Description  Wide-Vue Style Analog Panel Meters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

06340 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  06340 Datasheet HTML 1Page - List of Unclassifed Manufacturers 06340 Datasheet HTML 2Page - List of Unclassifed Manufacturers 06340 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-1/2" - Model 1287
• Clear acrylic window for wide angle
visibility
• Rugged black plastic case
• Black spade pointer for easy distant reading
• Optional behind-panel mounting bezel kit
Accuracy:
Movement:
Tracking:
Shielding:
Response Time:
Overload
(1 sec.):
Overload
(Continuous):
Repeatability:
Dial:
Resistance:
Operating
Temperature:
Case:
Pointer:
Scale Length:
Net Weight:
+2% F.S. (Iron-Vane), +3 F.S. (Rectified)
Models 1212, 1212T: Small core magnet
Models 1247, 1347, 1349: Annular, rectifier
Models 1257, 1357, 1359: Iron-vane, magnetically
damped
+3%
Calibration is unaffected by magnetic panel mounting.
1.5 seconds maximum
10 times F.S.
1.5 times F.S.
2%: AC Current, DC Process
3%: AC Voltage, DC Voltage, Wattmeters
0.5%: DC Current
Sharp clear scale. Each dial arc is calibrated to track the
specific type of movement used.
+15% of meter impedance
-4°F to +149°F (-20°C to +65°C)
High density black plastic
Model 1212: Black lance;
All other models: Spade with black matte finish
Model 1212, 1212T: 1.50" (38.1mm);
Model 1227, 1227T, 1247, 1257: 2.3" (58.4mm)
Model 1327, 1327T, 1347, 1357, 1377: 3.14" (79.9mm);
Model 1329, 1329T, 1349, 1359, 1379: 3.93" (100mm)
Model 1212, 1212T: 2oz (0.06kg);
Model 1257: 4 oz. (0.11kg)
Model 1359: 5 oz. (0.14kg)
Model 1227, 1227T: 6oz (0.17kg)
Model 1327, 1327T, 1347: 8oz (0.23kg);
Model 1329, 1329T, 1349, 1377: 9oz (0.26kg)
Model 1379: 10 oz.( 0.28kg)
1-1/2"-Model 1212, 1212T
Specifications
Dimensions
1.75
1.50
DIA.
1.76
.53
.86
.55
(2) #8-32 STUDS
.41
(4) #4-40 MTG. STUDS
MTG. HOLES- .128 DIA. DRILL THRU
1.55
DIA.
.65
1.31
1.31
.12
1.00
.65


Similar Part No. - 06340

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0634100000 WEIDMULLER-0634100000 Datasheet
56Kb / 1P
Modular terminal, accessories, end plate and intermediate plate, beige
0634300000 WEIDMULLER-0634300000 Datasheet
56Kb / 1P
Modular terminal, accessories, end plate and intermediate plate, beige
logo
Molex Electronics Ltd.
0634437200 MOLEX11-0634437200 Datasheet
27Kb / 1P
Applicator Ram Spacer to be used when shipping or storage of applicator.
0634440705 MOLEX-0634440705 Datasheet
27Kb / 1P
Punch
02/24/2022
0634440802 MOLEX-0634440802 Datasheet
24Kb / 1P
Punch
08/26/2022
More results

Similar Description - 06340

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV Datasheet
548Kb / 7P
LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
logo
M-System Co.,Ltd.
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
Digital Panel Meters 47 Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
Digital Panel Meters 43 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com