Electronic Components Datasheet Search
  English  ▼

X  

2N4449 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # 2N4449
Description  TECHNICAL DATA SHEET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4449 Datasheet(HTML) 7 Page - Microsemi Corporation

  2N4449 Datasheet HTML 1Page - Microsemi Corporation 2N4449 Datasheet HTML 2Page - Microsemi Corporation 2N4449 Datasheet HTML 3Page - Microsemi Corporation 2N4449 Datasheet HTML 4Page - Microsemi Corporation 2N4449 Datasheet HTML 5Page - Microsemi Corporation 2N4449 Datasheet HTML 6Page - Microsemi Corporation 2N4449 Datasheet HTML 7Page - Microsemi Corporation 2N4449 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0057 Rev. 3 (110213)
Page 7 of 8
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Dimension CH controls the overall package thickness. When a window lid is used, dimension CH must increase by a
minimum of .010 inch (0.254 mm) and a maximum of .040 inch (1.020 mm).
4. The corner shape (square, notch, radius) may vary at the manufacturer's option, from that shown on the drawing.
5. Dimensions LW2 minimum and L3 minimum and the appropriate castellation length define an unobstructed three-
dimensional space traversing all of the ceramic layers in which a castellation was designed. (Castellations are required on
the bottom two layers, optional on the top ceramic layer.) Dimension LW2 maximum and L3 maximum define the
maximum width and depth of the castellation at any point on its surface. Measurement of these dimensions may be made
prior to solder dipping.
6. The co-planarity deviation of all terminal contact points, as defined by the device seating plane, shall not exceed .006 inch
(0.15mm) for solder dipped leadless chip carriers.
7. In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 5. Physical dimensions - surface mount (UA version).
Dimensions
Ltr.
Inches
Millimeters
Min
Max
Min
Max
BL
.215
.225
5.46
5.71
BL2
.225
5.71
BW
.145
.155
3.68
3.93
BW2
.155
3.93
CH
.061
.075
1.55
1.90
L3
.003
.007
0.08
0.18
LH
.029
.042
0.74
1.07
LL1
.032
.048
0.81
1.22
LL2
.072
.088
1.83
2.23
LS
.045
.055
1.14
1.39
LW
.022
.028
0.56
0.71
LW2
.006
.022
0.15
0.56
Pin number. 1
2
3
4
Transistor
Collector Emitter Base N/C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com