Electronic Components Datasheet Search
  English  ▼

X  

DT321UGK Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DT321UGK
Description  An economical means of transferring power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DT321UGK Datasheet(HTML) 4 Page - Dallas Semiconductor

  DT321UGK Datasheet HTML 1Page - Dallas Semiconductor DT321UGK Datasheet HTML 2Page - Dallas Semiconductor DT321UGK Datasheet HTML 3Page - Dallas Semiconductor DT321UGK Datasheet HTML 4Page - Dallas Semiconductor DT321UGK Datasheet HTML 5Page - Dallas Semiconductor DT321UGK Datasheet HTML 6Page - Dallas Semiconductor DT321UGK Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Double-throw heavy-duty
switching neutral safety switches
Double-throw heavy-duty
non-fusible safety switches
Double-Throw Switching Neutral
Safety Switch
(upper switch base assembly
is shown)
Double-Throw 600 Vac Heavy-Duty, Non-Fusible
Ampere
Rating
Main and
Standby
Maximum Horsepower Ratings
NEMA 1
Enclosure
Indoor
NEMA 3R
Enclosure
Rainproof
NEMA 12
Enclosure
Industrial,
Dust-Tight
NEMA 4X
Enclosure, Corrosion-Resistant,
Stainless Steel
Single-Phase
Three-Phase
480 Vac 600 Vac 480 Vac 600 Vac 480 Vdc
Catalog
Number
Catalog
Number
Catalog
Number
Catalog
Number
Two-Pole—600 Vac—250 Vdc
30
60
100
200
400
600
7-1/2
20
40
50
—
—
10
25
50
50
—
—
—
—
—
—
—
—
—
—
—
—
—
—
5
10
20
40
50
50
DT261UGK
DT262UGK
DT263UGK
DT264UGK1
DT265UGK
DT266UGK
—
—
—
DT264URK1
DT265URK
DT266URK
—
—
—
—
—
—
—
—
—
—
—
—
Three-Pole—600 Vac—250 Vdc
30
60
100
200
400
600
800
800
7-1/2
20
40
50
—
—
—
—
10
25
50
50
—
—
—
—
20
50
75
125
250
250
250
250
30
60
100
150
350
350
350
350
5
10
20
40
50
50
50
50
DT361UGK
DT362UGK
DT363UGK
DT364UGK
DT365UGK
DT366UGK
DT367UGK23
DT367UGK-N
DT361URK
DT362URK
DT363URK
DT364URK
DT365URK
DT366URK
DT367URK23
DT367URK-N
DT361UDK4
DT362UDK4
DT363UDK4
DT364UDK4
DT365UDK 45
—4
—4
—4
DT361UWK
DT362UWK
DT363UWK
DT364UWK
DT365UWK
—
—
—
Four-Pole—600 Vac—250 Vdc 2
30
60
100
200
400
600
800
7-1/2
20
40
—
—
—
—
10
25
50
50
—
—
—
20
50
75
125
250
250
250
30
60
100
150
350
350
350
5
10
20
40
50
50
50
—
—
—
DT464UGK
DT465UGK
DT466UGK
DT467UGK
DT461URK
DT462URK
DT463URK
DT464URK
DT465URK
DT466URK
DT467URK
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Six-Pole—600 Vac—250 Vdc2
30
60
100
7-1/2
20
40
10
25
50
15
50
75
30
60
100
5
10
20
—
—
—
DT661URK
DT662URK
DT663URK
—
—
—
—
—
—
A
Rated 600 Vdc, 50 hp in addition to ratings shown in table.
B
Warning: Switch is not approved for service entrance.
C
Field-installable neutral kit is not available. If a neutral is required, order the catalog number shown in the table with “
N” suffix.
D
NEMA12enclosures(30–800A)canbefieldmodifiedtomeetNEMA3Rrainproofrequirementswhenafactory-provideddrainholeisopened.
E
Also available in 240 Vac, catalog number
DT325UDK.
ON
OFF
ON
Non-Fusible
Two-Pole
Two Sources or
Two Loads
ON
OFF
ON
Non-Fusible
Four-Pole
Two Sources or
Two Loads
Bonding kit schematic
Single-phaseapplicationsrequiringaneutralpolebondingkit
Bonding kit schematic
Three-phaseapplicationsrequiringaneutralpolebondingkit
otess:
N
NEC 702 application, separately derived system
and service equipment.
Two sources with switched neutral,
generator is a separately derived system.
Proper installation is governed by interpretation of the NEC,
applicable local codes and local utility requirements. Applicable
sections of these codes and requirements should be
referenced prior to installation.
ON
OFF
ON
Non-Fusible
Three-Pole
Two Sources or
Two Loads
ON
OFF
ON
S/N
Non-Fusible
Three-Pole with Neutral
Two Sources or
Two Loads
ON
OFF
ON
Non-Fusible
Six-Pole
Two Sources or
Two Loads
Double-throw safety switches
applied in emergency power
or generator applications may
require a switched neutral in lieu
of a solid neutral. If the neutral
of the generator is bonded
to a grounding system at the
generator, then a separately
derived system (reference NEC
250-20[D] and Exhibit 250.7) has
been created and a switched
neutral in the double-throw safety
switch is required. The switching
neutral is required to avoid the
potential for backfeeding of the
power that might occur if the
safety switch neutral is also
bonded. If the generator neutral
is brought to the service where
it is bonded and grounded, then
a non-separately derived system
has been created and a solid
neutral must be used in the
double-throw safety switch.
Most double-throw safety
switches in today’s market are
provided with solid neutrals and
are not UL listed for switching
neutral application. The market,
some utilities and local codes
are requiring the ability to break
or switch the neutral on three-
and four-pole double-throw
switches with a UL listing for that
capability. Three-pole switches
are used for single-phase
switching neutral applications,
while four-pole switches are used
for three-phase switching neutral
applications. In many cases, three-
and four-pole double-throw safety
switches are being installed in
the field with the left-most pole
being used as the switching
neutral, but the switch is not
UL listed for that application.
Eaton non-fusible three-pole and
four-pole double-throw safety
switches 30–800A are UL listed
for switching neutral application
with the proper installation of
the applicable switching neutral
bonding kit shown in the
Accessories section of this bro-
chure. Each bonding kit comes
with applicable materials, hard-
ware, instruction sheet and
adhesive-backed wiring schematic.
The bonding kits can only be
used on non-fusible double-throw
safety switches. When a bond-
ing kit is applied to a three-pole
switch, the switch becomes a
single-phase switch with single-
phase horsepower ratings.
A double-throw safety switch
with the appropriate bonding kit
installed is suitable for service
entrance use. Typically, a four-pole
double-throw safety switch is not
suitable for service entrance use;
however, with the appropriate
bonding kit installed, the four-
pole switch is suitable for service
entrance use as noted on the
device publication of the product.
Switching neutral bonding kits
can also be factory installed
by Eaton’s unique Switching
Device Flex Center. See the end
of this brochure for additional
information on the Flex Center.
6
EATON CORPORATION Double-throw safety switch
7
EATON CORPORATION Double-throw safety switch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com