Electronic Components Datasheet Search
  English  ▼

X  

06540 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 06540
Description  Wide-Vue Style Analog Panel Meters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

06540 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  06540 Datasheet HTML 1Page - List of Unclassifed Manufacturers 06540 Datasheet HTML 2Page - List of Unclassifed Manufacturers 06540 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0-1
43.0
06163
06175
06310
06470
0-3
2.0
<>
06180
06320
06480
0-5
2.0
(20)†
06164
06190
06330
06490
0-10
10.0
(2.2)†
06165
06200
06340
06495
0-15
6.6
(2.2)†
06166
06210
06350
06502
0-20
5.0
<>
06215
06360
06524
0-25
4.0
(6.0)†
06167
06220
06370
06530
0-50
2.0
(3.0)†
06168
06230
06380
06540
0-100
1.0
(1.5)†
06169
06240
06390
06550
0-150
.66 (1.0)†
06170
06250
06400
06560
0-200
.50 (.75)†
06171
06260
06410
06570
0-250
.40 (.60)†
06172
06270
06420
06580
0-300
.33 (.50)†
06173
06280
06430
06590
0-500
.20 (.30)†
06174
06290
06440
06600
0-750
.13
<>
<>
06450
06610
0-1000
.05
<>
06292
06460
06620
Range
0-1
0-1.5
0-2
0-3
0-5
0-10
0-15
0-25
0-30
0-50
0-100
0-150
0-200
0-300
0-500
15-0-15
30-0-30
50-0-50
Ordering Information
DC M
Milliammeters, Self-Shielding Movement
Model/Size and Catalog Number
1-1/2"
Model 1212
2-1/2"
Model 1227
3-1/2"
Model 1327
4-1/2"
Model 1329
† Impedance of Model 1212 shown in ( )
<> Available on special order
Approx.
Impedance
(0hms) @
60 Hz
Range
Model/Size and Catalog Number
.050
02431
02440
02640
.033
<>
02450
02650
.025
02432
02460
02660
.0166
02433
02470
02670
.010
02434
02480
02680
.005
02435
02490
02690
.0033*
02436†
02500
02700
.0020*
02437†
02510
02710
.0017
<>
02520
02720
.001*
02438†
02530
02730
10.0
<>
02540†
02740†
10.0
<>
02550†
02750†
10.0
<>
02552†
02760†
10.0
<>
02554†
02770†
10.0
<>
<>
02780†
.0033
<>
<>
02790
.0017
<>
<>
02800
.001
<>
<>
02810
1-1/2"
Model 1212
2-1/2"
Model 1227
3-1/2"
Model 1327
4-1/2"
Model 1329
DC A
Ammeters, Self Shielding Movement
Approx.
Impedance
(0hms) @
60 Hz
† 1-1/2" DC current meters are self-contained through 10 amps. 15 amps
and higher are supplied as 50mV meters to be used with external shunts.
2-1/2", 3-1/2" and 4-1/2" DC current meters are self-contained through 50
amps. Higher range DC current meters are 50mV meters to be used with
external shunts.
<> Available on special order.
*Model 1212 only - 10 ohms
DC M
Millivoltmeters, Self Shielding Movement
Range
1-1/2”"
Model1212
Model/Size and Catalog Number
0-50
10.0
07005
07010
07020
07030
50-0-50
20.0
<>
<>
07021
07031
2-1/2"
Model1227
3-1/2"
Model1327
4-1/2"
Model1329
<> Available on special order.
Approx.
Impedance
(Ohms) @
60 Hz
DC V
Voltmeters, Self Shielding Movement
Range
1-1/2”"
Model1212
Model/Size and Catalog Number
2000
ohms
per volt
2-1/2"
Model1227
3-1/2"
Model1327
4-1/2"
Model1329
*External multipliers (Model 183) are furnished on 1-1/2" DC meters 500 volts or
higher; on 2-1/2" DC meters 750 volts or higher; and on 3-1/2" and 4-1/2" DC
meters 1000 volts or higher. All others have self-contained multipliers.
<> Available on special order.
Approx.
Impedance
(Ohms) @
60 Hz
Type
Rating
3 -1/2"
Model #
Percent M
Motor LLoad M
Meters
Model/Size and Catalog Number
DC (Note 1)
30mV
1327
07028
1329
07029
AC (Note 2)
5 amps
1357
03171
1359
03301
Catalog #
4 -1/2"
Model #
Catalog #
Note 1: DC load meters require an external shunt and potentiometer (not supplied). Use 8
to 10 , 2 watt wire-wound potentiometer. The appropriate shunt should be selected from
accessory section and ordered separately. To select the proper shunt, first obtain the full-
load current rating of your motor from the name plate, manufacturer's specifications of
N.E.C. listing. Multiply that rating by 1.25 and select and order the shunt with an amps rat-
ing as large or slightly larger than the calculated value. Installation and calibration instruc-
tions are included with the meter.
Note 2: AC load meters must be used with external donut transformers. Complete instruc-
tions for proper selection are included with each AC load meter. Advance assistance in
selecting the appropriate transformer and determining the correct primary/secondary turns
ratio can be obtained from a Simpson technical service representative or authorized service
center.
0-5
0-8
0-10
0-15
0-25
0-30
0-50
0-100
0-150
0-200
0-250
0-300
0-300
0-500
0-750
0-1000
09540
<>
09541
09542
09543
09544
09545
09546
09547
<>
<>
<>
09548
09549*
<>
<>
09550
<>
09560
09570
09580
09590
09600
09610
09620
09622
09623
09630
<>
09640
09650*
09660*
09720
09730
09740
09750
09760
09770
09780
09790
09800
09810
09820
09830
<>
09840
09850
09860*
09870
09880
09890
09900
09910
09920
09930
09940
09950
09960
09970
09980
<>
09990
10000
10010*
1000
ohms
per volt
Wattmeters/Dynamometer TType, Not
* Compensated wattmeters: calibrated for either magnetic or non-magnetic
panels and for a frequency of 25-125Hz.
4-220mA P
Process M
Meters
Size
Scale
Model
Catalog No.
3-1/2"
0-100%
1327
35025
4-1/2"
0-100%
1329
35026
Frequency M
Meters, Self-Shielding Movement
02820
02830
02840
02850
02860
02870
02880
02890
02900
02910
02920†
02930†
02940†
02950†
02960†
<>
<>
<>
Maximum
Range
45-55 Hz
55-65Hz
380-420 Hz
45-55 Hz
55-65Hz
380-420 Hz
Voltage
120V
120V
120V
240V
240V
240V
2-1/2"
Model 1287
35100
35102
35104
35101
35103
35105
3-1/2"
Model 1387
35106
35108
35110
35107
35109
35111
4-1/2"
Model 1389
35112
35114
35116
35113
35115
35117
Model/Size and Catalog Number
Amps
.175
.400
1.0
2.0
4.0
4.0
10.0
10.0
20.0
4-1/2"
Model 1379
10930*
10940*
10960
10970
10975
10980
10990
11000
11010
Volts
150
150
150
150
150
300
150
300
300
Range
0-10
0-20
0-75
0-150
0-300
0-600
0-750
0-1500
0-3000
Model/Size and Catalog Number



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com