Electronic Components Datasheet Search
  English  ▼

X  

MAX6320P Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6320P
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6320P Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6320P Datasheet HTML 6Page - Maxim Integrated Products MAX6320P Datasheet HTML 7Page - Maxim Integrated Products MAX6320P Datasheet HTML 8Page - Maxim Integrated Products MAX6320P Datasheet HTML 9Page - Maxim Integrated Products MAX6320P Datasheet HTML 10Page - Maxim Integrated Products MAX6320P Datasheet HTML 11Page - Maxim Integrated Products MAX6320P Datasheet HTML 12Page - Maxim Integrated Products MAX6320P Datasheet HTML 13Page - Maxim Integrated Products MAX6320P Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
MAX6316–MAX6322
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
13
Maxim Integrated
Table 3. Reset/Watchdog Timeout Periods
__Ordering Information (continued)
Note: These devices are available with factory-set VCC reset
thresholds from 2.5V to 5V, in 0.1V increments. Insert the
desired nominal reset threshold (25 to 50, from Table 1) into the
blanks following the letters UK. All devices offer factory-pro-
grammed reset timeout periods. Insert the letter corresponding
to the desired reset timeout period (A, B, C, or D from Table 3)
into the blank following the reset threshold suffix. Parts that offer
a watchdog feature (see Selector Guide) are factory-trimmed to
one of four watchdog timeout periods. Insert the letter corre-
sponding to the desired watchdog timeout period (W, X, Y, or Z
from Table 3) into the blank following the reset timeout suffix.
W
4.3
6.3
9.3
ms
X
71
102
153
Y
1.12
1.6
2.4
Z
17.9
25.6
38.4
s
RESET TIMEOUT PERIODS
WATCHDOG TIMEOUT
SUBSTRATE IS INTERNALLY CONNECTED TO V+
Chip Information
s
2.24
1.60
1.12
D
280
200
140
C
40
30
20
B
2
1.6
1
A
UNITS
MAX
TYP
MIN
SUFFIX
ms
Note: Thirteen standard versions are available, with a required order increment of 2500 pieces. Sample stock is generally held on stan-
dard versions only. The required order increment for nonstandard versions is 10,000 pieces. Contact factory for availability.
PART
RESET
THRESHOLD (V)
MINIMUM
RESET
TIMEOUT (ms)
TYPICAL
WATCHDOG
TIMEOUTS (s)
SOT
TOP
MARK
MAX6320PUK46CY-T
4.63
140
1.6
ACDN
MAX6321HPUK46CY-T
4.63
140
1.6
ACGL
MAX6322HPUK46C-T
4.63
140
1.6
ACGN
Table 2. Standard Versions (continued)
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
/V Denotes an automotive-qualified part.
PART
TEMP RANGE
PIN-PACKAGE
MAX6319LHUK__ _- T
-40°C to +125°C
5 SOT23
MAX6319MHUK__ _- T
-40°C to +125°C
5 SOT23
MAX6320PUK__ __- T
-40°C to +125°C
5 SOT23
MAX6320PUK__ __/ V +T
-40°C to +125°C
5 SOT23
MAX6321HPUK__ _- T
-40°C to +125°C
5 SOT23
MAX6322HPUK__ _- T
-40°C to +125°C
5 SOT23
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
5 SOT23
U5+2
21-0057
90-0174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com