Electronic Components Datasheet Search
  English  ▼

X  

BU7294SF Datasheet(PDF) 9 Page - Rohm

Part # BU7294SF
Description  Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7294SF Datasheet(HTML) 9 Page - Rohm

Back Button BU7294SF Datasheet HTML 5Page - Rohm BU7294SF Datasheet HTML 6Page - Rohm BU7294SF Datasheet HTML 7Page - Rohm BU7294SF Datasheet HTML 8Page - Rohm BU7294SF Datasheet HTML 9Page - Rohm BU7294SF Datasheet HTML 10Page - Rohm BU7294SF Datasheet HTML 11Page - Rohm BU7294SF Datasheet HTML 12Page - Rohm BU7294SF Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200390-1-2
©2013 ROHM Co., Ltd. All rights reserved.
9/27
22.May.2013 Rev.001
TSZ22111・15・001
BU7291G, BU7291SG, BU7294xx, BU7294Sxx
Figure 11.
Output Source Current – Ambient Temperature
(OUT=VDD-0.4V)
●Typical Performance Curves - Continued
○BU7291, BU7291S
(*)The data above is measurement value of typical sample, it is not guaranteed.
BU7291G: -40
C to +85C BU7291SG: -40C to +105C
Figure 10.
Output Source Current – Output Voltage
(VDD=3V)
0
10
20
30
40
50
00.5
11.52
2.5
3
OUTPUT VOLTAGE [V]
-40
C
25
C
85
C
105
C
0
5
10
15
20
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [°C]
2.4V
5.5V
3.0V
Figure 12.
Output Sink Current – Output Voltage
(VDD=3V)
0
20
40
60
80
0.00.5
1.01.5
2.02.5
3.0
OUTPUT VOLTAGE [V]
-40
C
25
C
85
C
105
C
0
20
40
60
80
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
Figure 13.
Output Sink Current – Ambient Temperature
(OUT=VSS+0.4V)
5.5V
2.4V
3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com