Electronic Components Datasheet Search
  English  ▼

X  

BU7264SF Datasheet(PDF) 21 Page - Rohm

Part # BU7264SF
Description  Input/Output Full Swing CMOS Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7264SF Datasheet(HTML) 21 Page - Rohm

Back Button BU7264SF Datasheet HTML 17Page - Rohm BU7264SF Datasheet HTML 18Page - Rohm BU7264SF Datasheet HTML 19Page - Rohm BU7264SF Datasheet HTML 20Page - Rohm BU7264SF Datasheet HTML 21Page - Rohm BU7264SF Datasheet HTML 22Page - Rohm BU7264SF Datasheet HTML 23Page - Rohm BU7264SF Datasheet HTML 24Page - Rohm BU7264SF Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200230-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
21/43
25.Sep.2013 Rev.001
TSZ22111・15・001
BU7261G
BU7261SG
BU7262xxx
BU7262Sxxx
BU7264xx
BU7264Sxx
Typical Performance Curves – Continued
○BU7262xxx, BU7262Sxxx
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7262xxx: -40℃ to +85℃
BU7262Sxxx: -40℃ to +105℃
Figure 41.
Large Signal Voltage Gain vs Ambient Temperature
Figure 42.
Common Mode Rejection Ratio vs Supply Voltage
(VDD=3V)
Figure 43.
Common Mode Rejection Ratio vs Ambient Temperature
(VDD=3V)
Figure 44.
Power Supply Rejection Ratio vs Ambient Temperature
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
20
40
60
80
100
120
1
2
34
56
Supply Voltage [V]
5.5V
1.8V
3.0V
-40°C
25°C
85°C
105°C
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
5.5V
1.8V
3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com