Electronic Components Datasheet Search
  English  ▼

X  

MAX9031 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9031
Description  Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9031 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9031 Datasheet HTML 1Page - Maxim Integrated Products MAX9031 Datasheet HTML 2Page - Maxim Integrated Products MAX9031 Datasheet HTML 3Page - Maxim Integrated Products MAX9031 Datasheet HTML 4Page - Maxim Integrated Products MAX9031 Datasheet HTML 5Page - Maxim Integrated Products MAX9031 Datasheet HTML 6Page - Maxim Integrated Products MAX9031 Datasheet HTML 7Page - Maxim Integrated Products MAX9031 Datasheet HTML 8Page - Maxim Integrated Products MAX9031 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MAX9030/MAX9031/MAX9032/MAX9034
Low-Cost, Ultra-Small, Single/Dual/Quad
Single-Supply Comparators
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0, VCM = 0, VSHDN = +5V (Note 1), TA = -40°C to +125°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS) ....................................-0.3V to +6V
Voltage Inputs (IN+, IN- to VSS). ................-0.3V to (VDD + 0.3V)
Differential Input Voltage (IN+ to IN-) .................................+6.6V
Output Short-Circuit
Duration ...............................................2s to Either VDD or VSS
Current into Any Pin ............................................................20mA
Continuous Power Dissipation (TA = +70°C) ...............................
5-Pin SC70 (derate 3.1mW/°C above +70°C) ...............247mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
6-Pin SC70 (derate 3.1mW/°C above +70°C) ...............245mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C).............696mW
8-Pin SOT23 (derate 9.1mW/°C above +70°C).............727mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) ..............362mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ..........727mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Range
Automotive Application...................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
Soldering Temperature (reflow) ...................................... +260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VDD
Guaranteed by PSRR test
2.5
5.5
V
Supply Current per Comparator
IDD
35
55
µA
Supply Current in Shutdown
V SHDN = 0 (Note 1)
0.05
1
µA
Shutdown Input Bias Current
V SHDN = 0 to VDD (Note 1)
0.1
2.5
µA
Shutdown Logic High
(Note 1)
0.7
× VDD
V
Shutdown Logic Low
(Note 1)
0.3
× VDD
V
Input Offset Voltage
VOS
(Note 3)
±1
±5mV
Input Offset Voltage
Temperature Coefficient
TCVOS
±1
µV/
°C
Hysteresis
(Note 4)
4
mV
Input Bias Current
IBIAS
880
nA
Input Offset Current
IOS
±2
±60
nA
Common-Mode Voltage Range
VCM
Guaranteed by CMRR test
VSS
VDD - 1.1
V
Common-Mode Rejection Ratio
CMRR
VSS
≤ VCM ≤ (VDD - 1.1V), VDD = +5.5V
72
100
dB
Power-Supply Rejection Ratio
PSRR
VDD = +2.5V to +5.5V
72
100
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com